Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STPS6M100SF Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS6M100SF
Description  100 V power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS6M100SF Datasheet(HTML) 4 Page - STMicroelectronics

  STPS6M100SF Datasheet HTML 1Page - STMicroelectronics STPS6M100SF Datasheet HTML 2Page - STMicroelectronics STPS6M100SF Datasheet HTML 3Page - STMicroelectronics STPS6M100SF Datasheet HTML 4Page - STMicroelectronics STPS6M100SF Datasheet HTML 5Page - STMicroelectronics STPS6M100SF Datasheet HTML 6Page - STMicroelectronics STPS6M100SF Datasheet HTML 7Page - STMicroelectronics STPS6M100SF Datasheet HTML 8Page - STMicroelectronics STPS6M100SF Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Figure 5. Forward voltage drop versus forward current
(typical values)
0.1
1.0
10.0
100.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Tj=125°C
Tj=75°C
Tj=150°C
Tj=25°C
VF(V)
IF(A)
Figure 6. Normalized avalanche power derating versus
pulse duration (Tj = 125 °C)
P
(tp)
P
(10 µs)
ARM
ARM
0.001
0.01
0.1
1
1
10
100
1000
t (µs)
p
Figure 7. Thermal resistance junction to ambient versus copper surface under tab (typical values, epoxy
printed board FR4, eCu = 35 µm) (PSMC (TO-277A))
0
20
40
60
80
100
120
0
1
2
3
4
5
6
7
8
9
10
SCu(cm²)
Rth(j-a) (°C/W)
PSMC (TO-277A)
STPS6M100SF
Characteristics (curves)
DS12699 - Rev 1
page 4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com