Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L99ASC03G Datasheet(PDF) 29 Page - STMicroelectronics

Part # L99ASC03G
Description  Brushless / sensorless 3-phase motor pre-driver for automotive applications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99ASC03G Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L99ASC03G Datasheet HTML 25Page - STMicroelectronics L99ASC03G Datasheet HTML 26Page - STMicroelectronics L99ASC03G Datasheet HTML 27Page - STMicroelectronics L99ASC03G Datasheet HTML 28Page - STMicroelectronics L99ASC03G Datasheet HTML 29Page - STMicroelectronics L99ASC03G Datasheet HTML 30Page - STMicroelectronics L99ASC03G Datasheet HTML 31Page - STMicroelectronics L99ASC03G Datasheet HTML 32Page - STMicroelectronics L99ASC03G Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 70 page
background image
DocID029080 Rev 2
29/70
L99ASC03G
Device description
69
Figure 13. Persistent watchdog failure (VBAT Standby Mode entered after 15 watchdog faults)
Figure 14. Persistent TSD2 failure (VBAT Standby Mode entered after 7 VDD turn-offs)
2.19
Serial peripheral interface (ST SPI standard)
A 16-bit ST SPI is used for bi-directional communication with an external microcontroller.
Through SPI it is possible to trigger the watchdog, control the operating modes, adjust some
device parameters and read out diagnostic information of several device modules.
During standby modes, the SPI is generally deactivated.
The SPI has to be driven in the following mode:
VDD
Short circuit at VDD turn-on
VDDFAIL = 1
Read & Clear VDDFAIL
Temperature
Tj>TSD2 for 7 times
(VDDR = 111)
TSD2 = 1
Read & Clear TSD2
Table 6. Forced VBAT standby mode (continued)
Source
Cause
Diagnosis
Clear error flag
VDD
Forced
VBAT Standby
tTSD
1
t
Counter
2
3
4
5
6
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com