Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9781 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L9781
Description  Automotive multiple valve pre-driver for diesel and gasoline direct injection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9781 Datasheet(HTML) 3 Page - STMicroelectronics

  L9781 Datasheet HTML 1Page - STMicroelectronics L9781 Datasheet HTML 2Page - STMicroelectronics L9781 Datasheet HTML 3Page - STMicroelectronics L9781 Datasheet HTML 4Page - STMicroelectronics L9781 Datasheet HTML 5Page - STMicroelectronics L9781 Datasheet HTML 6Page - STMicroelectronics L9781 Datasheet HTML 7Page - STMicroelectronics L9781 Datasheet HTML 8Page - STMicroelectronics L9781 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Pin #
Name
Function
Type
Note
11
RSP_T
DC/DC converter current positive sense
Analog IN
-
12
VT_FB
VTank voltage feedback
Analog IN
-
13
CHS_A
VTank and Vbat high-sides bank A bootstrap capacitor
Supply
-
14
GHST_A
Pre-Driver output for VTank high-side bank A power N-channel
MOSFET
Analog OUT
Push-pull type
15
RSPHS_A Bank A positive node of high-side current shunt
Analog IN
-
16
GHSB_A
Pre-Driver output for Vbat high-side bank A power N-channel
MOSFET
Analog OUT
Push-pull type
17
INJH_A
Bank A of injectors high-side voltage feedback
Analog IN
-
18
INJL_Ax
Bank A INJx low-side voltage feedback
Analog IN
-
19
GLS_Ax
Pre-Driver output for low-side bank A INJx power N-channel
MOSFET
Analog OUT
Push-pull type
20
INJL_Ay
Bank A INJy low-side voltage feedback
Analog IN
-
21
GLS_Ay
Pre-Driver output for low-side bank A INJy power N-channel
MOSFET
Analog OUT
Push-pull type
22
RSN_A
Bank A negative reference for current sensing amplifier
Analog IN
-
23
RSP_A
Bank A current positive sense
Analog IN
-
24
RSN_P
Fuel pump negative reference for current sensing amplifier
Analog IN
-
25
RSP_P
Fuel pump current positive sense
Analog IN
-
26
RSP_B
Bank B current positive sense
Analog IN
-
27
RSN_B
Bank B negative reference for current sensing amplifier
Analog IN
-
28
GLS_By
Pre-Driver output for low-Side bank B INJy power N-channel
MOSFET
Analog OUT
Push-pull type
29
INJL_By
Bank B INJy low-side voltage feedback
Analog IN
-
30
GLS_Bx
Pre-Driver output for low-side bank B INJx power N-channel
MOSFET
Analog OUT
Push-pull type
31
INJL_Bx
Bank B INJx low-side voltage feedback
Analog IN
-
32
INJH_B
Bank B of injectors high side voltage feedback
Analog IN
-
33
GHSB_B
Pre-Driver output for Vbat high-side bank B power N-channel
MOSFET
Analog OUT
Push-pull type
34
RSPHS_B Bank B positive node of high-side current shunt
Analog IN
-
35
GHST_B
Pre-Driver output for VTank high-side bank B power N-channel
MOSFET
Analog OUT
Push-pull type
36
CHS_B
VTank and Vbat high-sides bank B bootstrap capacitor
Supply
-
37
GLS_P
Pre-driver output for low-side fuel pump N-channel MOSFET
Analog OUT
Push-pull type
38
HPPL
Fuel pump low-side voltage feedback
Analog IN
-
39
GHS_P
Pre-driver output for high-side fuel pump N-channel MOSFET
Analog OUT
Push-pull type
40
HPPH
Fuel pump high-side voltage feedback
Analog IN
-
41
CHS_P
Fuel pump high-side bootstrap capacitor
Supply
-
42
IRQ
Interrupt request output
Digital OUT
Open drain
43
SCK
SPI clock input
Digital IN
Internal pull-up
44
CS
SPI chip select input
Digital IN
Internal pull-up
45
DIN
SPI data input
Digital IN
-
L9781
Pin description
DB3720 - Rev 1
page 3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com