Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9781 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L9781
Description  Automotive multiple valve pre-driver for diesel and gasoline direct injection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9781 Datasheet(HTML) 4 Page - STMicroelectronics

  L9781 Datasheet HTML 1Page - STMicroelectronics L9781 Datasheet HTML 2Page - STMicroelectronics L9781 Datasheet HTML 3Page - STMicroelectronics L9781 Datasheet HTML 4Page - STMicroelectronics L9781 Datasheet HTML 5Page - STMicroelectronics L9781 Datasheet HTML 6Page - STMicroelectronics L9781 Datasheet HTML 7Page - STMicroelectronics L9781 Datasheet HTML 8Page - STMicroelectronics L9781 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Pin #
Name
Function
Type
Note
46
DOUT
SPI data output
Digital OUT
-
47
VCCI
5 V or 3.3 V microcontroller interface power supply input
Supply
-
48
CLK_EXT External clock source
Clock
Internal pull-down
49
TM2
Test mode
Digital IN
Internal pull-down Force
to GND
50
TM3
Test mode
Digital IN
Internal pull-down Force
to GND
51
CMD_B
Actuation command input for Bank B
Digital IN
Internal pull-down
52
SEL_B
Bank B INJx / INJy selection
Digital IN
Internal pull-down
53
TM4
Test mode
Digital IN
Internal pull-down Force
to GND
54
TM5
Test mode
Digital IN
Internal pull-down Force
to GND
55
CMD_A
Actuation command input for Bank A
Digital IN
Internal pull-down
56
SEL_A
Bank A INJx / INJy selection
Digital IN
Internal pull-down
57
GND_D
Digital ground connection
Supply
-
58
V33
Internal 3,3V voltage regulator output
Supply
External capacitor
59
RST
Asynchronous system reset input
Digital IN
Internal pull-down
60
VCCD
5 V logic power supply input
Supply
External capacitor
61
TM6
Test mode
Digital IN
Internal pull-down Force
to GND
62
CMD_C
Actuation command input for fp controller
Digital IN
Internal pull-down
63
ENB
Common enable input for pre-driver stage
Digital IN
Internal pull-down
64
REXT
Bias current reference generator
Analog IN
External resistor
L9781
Pin description
DB3720 - Rev 1
page 4/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com