Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9961 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L9961
Description  Battery management system solution
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9961 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L9961 Datasheet HTML 5Page - STMicroelectronics L9961 Datasheet HTML 6Page - STMicroelectronics L9961 Datasheet HTML 7Page - STMicroelectronics L9961 Datasheet HTML 8Page - STMicroelectronics L9961 Datasheet HTML 9Page - STMicroelectronics L9961 Datasheet HTML 10Page - STMicroelectronics L9961 Datasheet HTML 11Page - STMicroelectronics L9961 Datasheet HTML 12Page - STMicroelectronics L9961 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
3
Functional description
3.1
Device funcional states
L9961 can operate in 3 different states when battery is applied: SHIPMENT - DEEP SLEEP, STANDBY or
NORMAL.
Figure 2. Device FSM
GADG220620221208SA
1
OFF
SHIPMENT
STANDBY
NORMAL
Battery pack
connected
Trigger from NSHIP
VNSHIP > VNSHIP_TH
for t > TNSHIP_FIL
GO2SHIP command or
NVM Trimming &
Calibration corruption
Battery pack
disconnected
GO2STBY
command or
VREG_NORM_UV
event
Trigger from WAKEUP
VWAKEUP > VWAKEUP_TH
for t > TWAKEUP_FIL
VREG_STBY_UV
event
NSHIP=VB
GO2SHIP command
3.1.1
Shipment - DEEP SLEEP
The SHIPMENT - DEEP SLEEP state is recommended for pack shipping and storage purposes. When in this
state, L9961 current consumption from VB pin is reduced to just IVB_SHIP, allowing long periods of inactivity to
reduce battery pack discharge.
When the battery pack is first applied (L9961 receives VB supply for the first time), the device transitions to either
shipment - DEEP SLEEP state or NORMAL state depending on NSHIP pin. If NSHIP is biased to VB pin, the
device starts in NORMAL State, otherwise the device begins in SHIPMENT - DEEP SLEEP state.
The device can enter SHIPMENT - DEEP SLEEP from NORMAL state upon receiving a GO2SHIP command
through I2C communications (GO2SHIP command is asserted by setting the GO2SHIP bit to ‘10’ in the register
0x21) or if VREG voltage drops below the minimum level (VVREG_STBY_UV) required to supply the device.
To avoid inadvertent reactivation, the NSHIP pin shall be set low before sending the GO2SHIP command, and it
shall be kept low during the transition to SHIPMENT - DEEP SLEEP.
Sending a GO2SHIP command while NSHIP is high will cause the device to move to STANDBY state.
3.1.2
STANDBY
The STANDBY state is recommended to manage short periods of inactivity, where wakeup from MCU is needed.
While in STANDBY, L9961 current consumption from VB pin is reduced to IVB_STBY.
The device is powered but no system functions are available, except WAKEUP sensing and VREG regulator
which operates with reduced performance charateristics While VREG is operational, the FAULTN_SAFE pin is
released allowing the MCU to operate in lower power mode.
STANDBY state can be reached from NORMAL state, upon receiving a GO2STBY command through I2C
communications (GO2STBY command is asserted by setting the GO2STBY bit to ‘10’ in the register 0x22) or
if VREG drops below the minimum level (VVREG_NORM_UV) required for L9961 to correctly perform its normal
features.
L9961
Functional description
DS14012 - Rev 1
page 9/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com