Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9961 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9961
Description  Battery management system solution
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9961 Datasheet(HTML) 1 Page - STMicroelectronics

  L9961 Datasheet HTML 1Page - STMicroelectronics L9961 Datasheet HTML 2Page - STMicroelectronics L9961 Datasheet HTML 3Page - STMicroelectronics L9961 Datasheet HTML 4Page - STMicroelectronics L9961 Datasheet HTML 5Page - STMicroelectronics L9961 Datasheet HTML 6Page - STMicroelectronics L9961 Datasheet HTML 7Page - STMicroelectronics L9961 Datasheet HTML 8Page - STMicroelectronics L9961 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
Features
2 μA shipment - DEEP SLEEP mode current and 5 μA standby consumption
(with VREG LDO active) standby consumption (with VREG LDO active)
Integrated 3.3 V VREG LDO for supplying MCU and LEDs
Measures cell voltage (3 to 5 cells), with over/undervoltage detection and
balance undervoltage protection
12-bit voltage measurement with maximum error of ±15 mV in the [1.5–4.5] V
range, for -40 °C < TJ < 105 °C
Measures stack voltage, with over/under voltage detection and plausibility check
vs. sum of cells
Measures pack temperature via NTC, with over/undertemperature detection
Ratiometric temperature measurement with ±0.8% max. gain error in the [0.2–
VREG] V range, for -40 °C < TJ < 105 °C
Measures battery current, with Coulomb counting, overcurrent (both directions)
and short-circuit in discharge protection.
16-bit signed current measurement with 0.1% full scale error at room
temperature
I2C peripheral for device programming and data transfers over I2C bus
Cell balancing supporting up to 70 mA per cell
Dual configurable HS/LS predriver for pack relay management
Pack fuse management
Embedded NVM for configuration parameters storage
High hotplug robustness
Applications
Cordless power tools
Backup energy storage systems and UPS
Light electric vehicles (e-bikes, scooters, etc)
Portable and semi-portable equipment
Medical equipment
VFQFPN32
(5x5x1.00 mm)
Product status link
L9961
Product label
Product summary
Order code
Package
Packing
L9961
SO16N
Tube
L9961 -TR
Tape and reel
Battery management system solution
L9961
Datasheet
DS14012 - Rev 1 - October 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - L9961

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9961 STMICROELECTRONICS-L9961 Datasheet
1Mb / 65P
Battery management system solution
12-Jan-2023
L9961-TR STMICROELECTRONICS-L9961-TR Datasheet
1Mb / 65P
Battery management system solution
12-Jan-2023
L9961 STMICROELECTRONICS-L9961_V01 Datasheet
1Mb / 65P
Battery management system solution
12-Jan-2023
More results

Similar Description - L9961

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1325 LINER-LTC1325 Datasheet
406Kb / 24P
Microprocessor-Controlled Battery Management System
logo
National Semiconductor ...
LP3945 NSC-LP3945 Datasheet
337Kb / 15P
Battery Charge Management System
logo
Linear Technology
LTC1325 LINER-LTC1325_15 Datasheet
340Kb / 24P
Microprocessor-Controlled Battery Management System
logo
International Rectifier
IRFB3407ZPBF IRF-IRFB3407ZPBF_15 Datasheet
249Kb / 8P
Battery Management
logo
Texas Instruments
BQ25120 TI1-BQ25120_16 Datasheet
2Mb / 68P
Highly Integrated Battery Charge Management Solution
logo
Sumida Corporation
CEP99 SUMIDA-CEP99 Datasheet
181Kb / 1P
Battery management system of automobiles
logo
Analog Devices
ADP5320 AD-ADP5320 Datasheet
134Kb / 2P
Wearable Power Management Solution for Multiple Battery Types
logo
Ultralife Corporation.
URS0010 ULTRALIFE-URS0010 Datasheet
776Kb / 3P
Battery Management Power System
Rev: B
logo
Advantech Co., Ltd.
SRP-IFS250-H82F01A ADVANTECH-SRP-IFS250-H82F01A Datasheet
1Mb / 3P
Factory Energy Management Solution
13-Jul-2020
logo
STMicroelectronics
L9961 STMICROELECTRONICS-L9961_V01 Datasheet
1Mb / 65P
Battery management system solution
12-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com