Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STPA003 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STPA003
Description  4 x 52 W quad bridge power amplifier with high side driver and low voltage operation
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPA003 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STPA003 Datasheet HTML 2Page - STMicroelectronics STPA003 Datasheet HTML 3Page - STMicroelectronics STPA003 Datasheet HTML 4Page - STMicroelectronics STPA003 Datasheet HTML 5Page - STMicroelectronics STPA003 Datasheet HTML 6Page - STMicroelectronics STPA003 Datasheet HTML 7Page - STMicroelectronics STPA003 Datasheet HTML 8Page - STMicroelectronics STPA003 Datasheet HTML 9Page - STMicroelectronics STPA003 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Overview
STPA003
6/25
DS10473 Rev 2
Figure 2. Standard test and application circuit (Flexiwatt25 with OD)
Figure 3. Standard test and application circuit (Flexiwatt27 with CD)
GAPGPS02230
IN1
0.22μF
C9
1μF
IN2
C2 0.22μF
OUT1
OUT2
IN3
C3 0.22μF
IN4
C4 0.22μF
OUT3
OUT4
C5 4x 0.22
μF
C6
47μF
SVR
AC-GND
TAB
Vcc1-2
Vcc3-4
C8
0.1μF
C7
2200μF
C10
4.7μF
ST-BY
R1
10K
R2
10K
MUTE
C1
14
15
12
11
22
4
13
S-GND
16
10
1
620
9
8
7
5
2
3
17
18
19
21
24
23
25
OFFSET
DETECTOR OUT
47K
R4
V
STPA003OD
4WX
GAPGPS02495
IN1
0.22
μF
C9
1μF
IN2
C2 0.22
μF
OUT1
OUT2
IN3
C3 0.22
μF
IN4
C4 0.22
μF
OUT3
OUT4
C5 4x 0.22
μF
C6
47
μF
SVR
AC-GND
TAB
Vcc1-2
Vcc3-4
C8
0.1
μF
C7
2200
μF
C10
4.7μF
ST-BY
R1
R3
10K
R2
10K
MUTE
C1
15
16
13
12
23
5
14
S-GND
17
11
26
27
721
10
9
8
6
3
4
18
19
20
22
25
24
2
OFFSET
DETECTOR OUT
47K
R4
V
STPA003CD
48X
CD OUT
47K
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com