Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STPA003 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STPA003
Description  4 x 52 W quad bridge power amplifier with high side driver and low voltage operation
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPA003 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STPA003 Datasheet HTML 5Page - STMicroelectronics STPA003 Datasheet HTML 6Page - STMicroelectronics STPA003 Datasheet HTML 7Page - STMicroelectronics STPA003 Datasheet HTML 8Page - STMicroelectronics STPA003 Datasheet HTML 9Page - STMicroelectronics STPA003 Datasheet HTML 10Page - STMicroelectronics STPA003 Datasheet HTML 11Page - STMicroelectronics STPA003 Datasheet HTML 12Page - STMicroelectronics STPA003 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
DS10473 Rev 2
9/25
STPA003
Pin description
24
Table 2. Pin functions
Pin #
FW27
Pin #
FW25
Pin name
Description
Type
1
1
TAB
Device slug connection
-
2
25
OD/HSD
Offset detector output or high side driver output Output (open
collector)
3
2
PW-GND2
Channel 2 power ground
Ground
4
3
OUT2-
Channel 2 negative output
Output
5
4
ST-BY
Standby
-
6
5
OUT2+
Channel 2 positive output
Output
7
6
VCC
Supply voltage
Supply
8
7
OUT1-
Channel 1 negative output
Output
9
8
PW-GND1
Channel 1 power ground
Ground
10
9
OUT1+
Channel 1 positive output
Output
11
10
SVR
Supply voltage rejection pin
Supply
12
11
IN1
Channel 1 input
Input
13
12
IN2
Channel 2 input
Input
14
13
S-GND
Signal ground
Ground
15
14
IN4
Channel 4 input
Input
16
15
IN3
Channel 3 input
Input
17
16
AC-GND
AC ground
Ground
18
17
OUT3+
Channel 3 positive output
Output
19
18
PW-GND3
Channel 3 power ground
Ground
20
19
OUT3-
Channel 3 negative output
Output
21
20
VCC
Supply voltage
Supply
22
21
OUT4+
Channel 4 positive output
Output
23
22
MUTE
Mute pin
Input
24
23
OUT4-
Channel 4 negative output
Output
25
24
PW-GND4
Channel 4 power ground
Ground
26
n.a
HSD / CD-DIAG High side driver or clipping detector and
diagnostics output
Output (open
collector)
27
n.a
TAB
Device slug connection
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com