Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7901 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7901
Description  High efficiency digital input automotive quad power amplifier with built-in diagnostics features, Class-G integrated, ’start stop’ compatible
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7901 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7901 Datasheet HTML 1Page - STMicroelectronics TDA7901 Datasheet HTML 2Page - STMicroelectronics TDA7901 Datasheet HTML 3Page - STMicroelectronics TDA7901 Datasheet HTML 4Page - STMicroelectronics TDA7901 Datasheet HTML 5Page - STMicroelectronics TDA7901 Datasheet HTML 6Page - STMicroelectronics TDA7901 Datasheet HTML 7Page - STMicroelectronics TDA7901 Datasheet HTML 8Page - STMicroelectronics TDA7901 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
GAPGPS00071
PowerSO36 (Slug-up)
Features
•
AEC-Q100 qualification ongoing
•
24-bit resolution
•
High Resolution Bandwidth support:
–
Up to 40 kHz (I2S 96 kHz) with attenuation [0 dB, -2 dB]
–
Up to 80 kHz (I2S 192 kHz) with attenuation [0 dB, -2 dB]
•
117 dB dynamic range (A-weighted)
•
Real-time load current monitoring
•
Voltage monitoring feature on I2C
•
High Efficiency SB-I (SB-Improved) and Class-G operation
•
1 Ω driving capability
•
High output power capability:
–
4 x 27 W 4Ω@ 14.4 V, 1 kHz, THD = 10 %
–
4 x 47 W 2Ω@ 14.4 V, 1 kHz, THD = 10 %
•
Flexible mode control:
–
Full I2C bus driving (1.8 V/3.3 V) with eight addresses selectable
–
Independent front/rear play/mute
–
Selectable digital gains
–
Very low noise
–
Digital diagnostic with DC and AC load Detections
–
Digital diagnostic with OL and OD in play
–
Current Offset Detection
•
EMI compliance evaluated following normative CISPR25
•
Start-stop compatibility (operation down to 4.5 V)
•
Sample rates: 44.1 kHz, 48 kHz, 96 kHz, 192 kHz
•
Flexible serial data port (1.8 V/3.3 V):
–
I2S standard, TDM 4Ch, TDM 8Ch, TDM 16Ch
•
Output Voltage Offset Detector
•
Independent front/rear clipping detector
•
Programmable diagnostic pin
•
CMOS compatible enable pin
•
Thermal protection
•
Pop free in mute to play transitions and vice versa
Description
The TDA7901 is a single-chip quad-bridge amplifier in advanced BCD technology
integrating: a full D/A converter, digital input for direct connection to I2S (or TDM) and
powerful MOSFET output stages.
Product status link
TDA7901
Product summary
Order code
Package
Packing
TDA7901-ZST PowerSO36
(Slug-up)
Tape and
reel
TDA7901-ZSX
Tube
High efficiency digital input automotive quad power amplifier with built-in
diagnostics features, Class-G integrated, ’start stop’ compatible
TDA7901
Data brief
DB4653 - Rev 1 - January 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - TDA7901

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7910 STMICROELECTRONICS-TDA7910 Datasheet
85Kb / 5P
MEDIUM POWER SINGLE BIPOLAR OPERATIONAL AMPLIFIER
Mar-1994
More results

Similar Description - TDA7901

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7561 STMICROELECTRONICS-TDA7561 Datasheet
232Kb / 19P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Dec-2002
TDA7562 STMICROELECTRONICS-TDA7562 Datasheet
200Kb / 17P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
May-2003
TDA7563 STMICROELECTRONICS-TDA7563 Datasheet
245Kb / 20P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
May-2003
TDA7564 STMICROELECTRONICS-TDA7564 Datasheet
248Kb / 20P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Sep-2003
TDA7566 STMICROELECTRONICS-TDA7566 Datasheet
226Kb / 19P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Sep-2003
TDA7563PD STMICROELECTRONICS-TDA7563PD Datasheet
223Kb / 21P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Apr-2004
TDA7566 STMICROELECTRONICS-TDA7566_06 Datasheet
395Kb / 28P
4x40W multifunction quad power amplifier with built-in diagnostics features
18-Dec-2006
TDA7801 STMICROELECTRONICS-TDA7801 Datasheet
214Kb / 8P
Digital input quad power amplifier with built-in diagnostics features
12-Sep-2008
TDA7803A STMICROELECTRONICS-TDA7803A Datasheet
1Mb / 72P
High efficiency digital input automotive quad power amplifier with built-in diagnostics features, start stop compatible
06-Sep-2022
TDA7808 STMICROELECTRONICS-TDA7808 Datasheet
777Kb / 39P
High efficiency digital input automotive quad power amplifier, start stop compatible
15-Jan-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com