Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7901 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7901
Description  High efficiency digital input automotive quad power amplifier with built-in diagnostics features, Class-G integrated, ’start stop’ compatible
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7901 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7901 Datasheet HTML 1Page - STMicroelectronics TDA7901 Datasheet HTML 2Page - STMicroelectronics TDA7901 Datasheet HTML 3Page - STMicroelectronics TDA7901 Datasheet HTML 4Page - STMicroelectronics TDA7901 Datasheet HTML 5Page - STMicroelectronics TDA7901 Datasheet HTML 6Page - STMicroelectronics TDA7901 Datasheet HTML 7Page - STMicroelectronics TDA7901 Datasheet HTML 8Page - STMicroelectronics TDA7901 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Table 1. Pin description
N°
Pin
Function
Definition
1
TAB
TAB connection
Internal
2
OUT4-
Channel 4 (right rear) negative output
Power Output
3
VCC34
Channel 3 and 4 positive supply
Power Supply
4
PWGND4 Power ground channel 4
Power Ground
5
OUT4+
Channel 4 (right rear) positive output
Power Output
6
ADD
I2C Address
Logic Input
7
SDA
I2C data
Logic Input
8
SCL
I2C clock
Logic Input
9
UNMUTE Hardware Unmute
Logic Input
10
WS
Word select (I2S bus)
Logic Input
11
SD13
Serial data channel 1 and 3 (I2S bus)
Logic Input
12
SD24
Serial data channel 2 and 4 (I2S bus)
Logic Input/Output
(Push-Pull when it is configured as output)
13
SCK
Serial clock (I2S bus)
Logic Input
14
STBY
STBY pin
Logic Input
15
OUT2+
Channel 2 (Left Rear) positive output
Power Output
16 PWGND2 Power ground channel 2
Power Ground
17
VCC12
Channel 1 and 2 positive supply
Power Supply
18
OUT2-
Channel 2 (Left Rear) negative output
Power Output
19
OUT1-
Channel 1 (Left Front) negative output
Power Output
20
VCC12
Channel 1 and 2 positive supply
Power Supply
21 PWGND1 Power ground channel 1
Power Ground
22
OUT1+
Channel 1 (Left Front) positive output
Power Output
23
CD/DIAG
Clip detector and diagnostic output
Open Drain
24
DGND
Digital ground
Supply Ground
25
D3V3
Digital 3.3V supply filter
Internal
26
AGND
Analog ground
Supply Ground
27
A3V3
Analog 3.3V supply filter
Internal
28
VBUCK
BUCK regulated voltage output (to internal voltage monitor)
Power Supply
29
RSENSE
Current Sense Input
Logic Input
30
GH
Gate driver for external P channel MOS
Logic Output
31 VBATM6V Internal regulator (VBAT-6V) to supply buck driver
Internal
32
VBAT
Battery Supply for Buck and common blocks
Supply
33
OUT3+
Channel 3 (right front) positive output
Power Output
34 PWGND3 Power ground channel 3
Power Ground
35
VCC34
Channel 3 and 4 positive supply
Power Supply
36
OUT3-
Channel 3 (right front) negative output
Power Output
TDA7901
Pin description
DB4653 - Rev 1
page 4/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com