Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

15N50M2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 15N50M2
Description  Automotive-grade N-channel 500 V, 0.336 Ω typ., 10 A MDmesh™ M2 Power MOSFET in a DPAK package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

15N50M2 Datasheet(HTML) 1 Page - STMicroelectronics

  15N50M2 Datasheet HTML 1Page - STMicroelectronics 15N50M2 Datasheet HTML 2Page - STMicroelectronics 15N50M2 Datasheet HTML 3Page - STMicroelectronics 15N50M2 Datasheet HTML 4Page - STMicroelectronics 15N50M2 Datasheet HTML 5Page - STMicroelectronics 15N50M2 Datasheet HTML 6Page - STMicroelectronics 15N50M2 Datasheet HTML 7Page - STMicroelectronics 15N50M2 Datasheet HTML 8Page - STMicroelectronics 15N50M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
May 2016
DocID027708 Rev 2
1/16
This is information on a product in full production.
www.st.com
STD15N50M2AG
Automotive-grade N-channel 500 V, 0.336
Ω typ., 10 A
MDmesh™ M2 Power MOSFET in a DPAK package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on)
max.
ID
PTOT
STD15N50M2AG
500 V
0.380
Ω
10 A
85 W
Designed for automotive applications and
AEC-Q101 qualified
Extremely low gate charge
Excellent output capacitance (COSS) profile
100% avalanche tested
Zener-protected
Applications
Switching applications
Description
This device is an N-channel Power MOSFET
developed using MDmesh™ M2 technology.
Thanks to its strip layout and an improved vertical
structure, the device exhibits low on-resistance
and optimized switching characteristics,
rendering it suitable for the most demanding high
efficiency converters.
Table 1: Device summary
Order code
Marking
Package
Packing
STD15N50M2AG
15N50M2
DPAK
Tape and reel


Similar Part No. - 15N50M2

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
15N50 UTC-15N50 Datasheet
248Kb / 6P
15A, 500V N-CHANNEL POWER MOSFET
logo
Jiangsu Donghai Semicon...
15N50 WXDH-15N50 Datasheet
1Mb / 12P
15A 500V N-channel Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
15N50 VBSEMI-15N50 Datasheet
1Mb / 8P
N-Channel 650 V (D-S) MOSFET
logo
SYC Electronica
15N50C1 SYC-15N50C1 Datasheet
286Kb / 6P
15A, 500V N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
15N50G-TF1-T UTC-15N50G-TF1-T Datasheet
248Kb / 6P
15A, 500V N-CHANNEL POWER MOSFET
More results

Similar Description - 15N50M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD13N50DM2AG STMICROELECTRONICS-STD13N50DM2AG Datasheet
544Kb / 16P
Automotive-grade N-channel 500 V, 320 m typ., 11 A MDmesh DM2 Power MOSFET in a DPAK package
31-Oct-2019
STD5NM50AG STMICROELECTRONICS-STD5NM50AG Datasheet
626Kb / 16P
Automotive-grade N-channel 500 V, 0.7 Ω typ., 7.5 A, MDmesh Power MOSFET in a DPAK package
09-Apr-2019
STD7N95K5AG STMICROELECTRONICS-STD7N95K5AG Datasheet
346Kb / 15P
Automotive‑grade N‑channel 950 V, 0.95 Ω typ., 9 A MDmesh K5 Power MOSFET in a DPAK package
05-May-2021
STD10LN80K5 STMICROELECTRONICS-STD10LN80K5 Datasheet
842Kb / 17P
N-channel 800 V, 0.55 Ω typ., 8 A MDmesh™ K5 Power MOSFET in a DPAK package
09-Mar-2016
STD12N60M2 STMICROELECTRONICS-STD12N60M2 Datasheet
590Kb / 19P
N-channel 600 V, 0.395 Ω typ., 9 A MDmesh M2 Power MOSFET in a DPAK package
12-Apr-2019
STD13NM50N STMICROELECTRONICS-STD13NM50N Datasheet
665Kb / 18P
N-channel 500 V, 0.285 Ω typ., 12 A MDmesh™ II Power MOSFET in a DPAK package
22-Oct-2018
STD4LN80K5 STMICROELECTRONICS-STD4LN80K5 Datasheet
814Kb / 15P
N-channel 800 V, 2.1 Ω typ., 3 A MDmesh™ K5 Power MOSFET in a DPAK package
18-May-2016
STD5N65M6 STMICROELECTRONICS-STD5N65M6 Datasheet
801Kb / 15P
N-channel 650 V, 1.15 Ω typ., 4 A MDmesh™ M6 Power MOSFET in a DPAK package
05-May-2016
STD9N80K5 STMICROELECTRONICS-STD9N80K5 Datasheet
387Kb / 19P
N-channel 800 V, 0.73 Ω typ., 7 A MDmesh™ K5 Power MOSFET in a DPAK package
12-Nov-2018
STW70N65M2 STMICROELECTRONICS-STW70N65M2 Datasheet
716Kb / 12P
N-channel 650 V, 0.039 Ω typ., 63 A MDmesh™ M2 Power MOSFET in a TO-247 package
04-Feb-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com