Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

15N50M2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 15N50M2
Description  Automotive-grade N-channel 500 V, 0.336 Ω typ., 10 A MDmesh™ M2 Power MOSFET in a DPAK package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

15N50M2 Datasheet(HTML) 4 Page - STMicroelectronics

  15N50M2 Datasheet HTML 1Page - STMicroelectronics 15N50M2 Datasheet HTML 2Page - STMicroelectronics 15N50M2 Datasheet HTML 3Page - STMicroelectronics 15N50M2 Datasheet HTML 4Page - STMicroelectronics 15N50M2 Datasheet HTML 5Page - STMicroelectronics 15N50M2 Datasheet HTML 6Page - STMicroelectronics 15N50M2 Datasheet HTML 7Page - STMicroelectronics 15N50M2 Datasheet HTML 8Page - STMicroelectronics 15N50M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical characteristics
STD15N50M2AG
4/16
DocID027708 Rev 2
2
Electrical characteristics
(Tcase = 25 °C unless otherwise specified)
Table 5: Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
VGS = 0 V, ID = 1 mA
500
V
IDSS
Zero gate voltage drain
current
VGS = 0 V, VDS = 500 V
1
µA
VGS = 0 V, VDS = 500 V,
Tcase = 125 °C
100
IGSS
Gate-body leakage
current
VDS = 0 V, VGS = ±25 V
±5
µA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
2
3
4
V
RDS(on)
Static drain-source on-
resistance
VGS = 10 V, ID = 5 A
0.336
0.380
Ω
Table 6: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 100 V, f = 1 MHz,
VGS = 0 V
-
530
-
pF
Coss
Output capacitance
-
33
-
Crss
Reverse transfer
capacitance
-
0.8
-
Coss eq.(1)
Equivalent output
capacitance
VDS = 0 to 400 V, VGS = 0 V
-
125
-
pF
RG
Intrinsic gate resistance
f = 1 MHz, ID = 0 A
-
6.9
-
Ω
Qg
Total gate charge
VDD = 400 V, ID = 9 A,
VGS = 10 V (see Figure 15:
"Test circuit for gate charge
behavior")
-
13
-
nC
Qgs
Gate-source charge
-
2.8
-
Qgd
Gate-drain charge
-
5.1
-
Notes:
(1) Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS
increases from 0 to 80% VDSS.
Table 7: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 250 V, ID = 4.5 A
RG = 4.7
Ω, VGS = 10 V (see
Figure 14: "Test circuit for
resistive load switching times"
and Figure 19: "Switching time
waveform")
-
10
-
ns
tr
Rise time
-
3.2
-
td(off)
Turn-off delay time
-
84
-
tf
Fall time
-
8.8
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com