Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STELPD01APUR Datasheet(PDF) 13 Page - STMicroelectronics

Part # STELPD01APUR
Description  Electronic load switch for power line
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STELPD01APUR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STELPD01APUR Datasheet HTML 9Page - STMicroelectronics STELPD01APUR Datasheet HTML 10Page - STMicroelectronics STELPD01APUR Datasheet HTML 11Page - STMicroelectronics STELPD01APUR Datasheet HTML 12Page - STMicroelectronics STELPD01APUR Datasheet HTML 13Page - STMicroelectronics STELPD01APUR Datasheet HTML 14Page - STMicroelectronics STELPD01APUR Datasheet HTML 15Page - STMicroelectronics STELPD01APUR Datasheet HTML 16Page - STMicroelectronics STELPD01APUR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
7
Typical characteristics
VIN = 5 V, VEN/Fault = floating, RLIM = 51 Ω, CIN = 2.2 µF, COUT = 10 μF, CdV/dt = 560 pF, TA = 25 °C, unless
otherwise specified.
Figure 9. ILIM vs. RLIM
0
1
2
3
4
5
6
7
0
50
100
150
200
250
300
350
400
450
500
RLIM[Ω]
5 V
12 V
Figure 10. ILIM vs. RLIM (magnification)
0
1
2
3
4
5
6
7
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100 105 110 115 120 125
RLIM[Ω]
5 V
12 V
Figure 11. Bias current vs. temperature (ON Mode)
50
100
150
200
250
300
350
400
450
500
550
600
-50
-25
0
25
50
75
100
125
150
Temperature [ºC]
V_IN=5V
V_IN=9V
V_IN=12V
V_IN=15V
Figure 12. Bias current vs. temperature (Fault Mode)
0
50
100
150
200
250
300
-50
-25
0
25
50
75
100
125
150
Temperature [ºC]
V_IN=5V
V_IN=9V
V_IN=12V
V_IN=15V
STELPD01
Typical characteristics
DS13254 - Rev 1
page 13/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com