Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STELPD01APUR Datasheet(PDF) 26 Page - STMicroelectronics

Part # STELPD01APUR
Description  Electronic load switch for power line
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STELPD01APUR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STELPD01APUR Datasheet HTML 19Page - STMicroelectronics STELPD01APUR Datasheet HTML 20Page - STMicroelectronics STELPD01APUR Datasheet HTML 21Page - STMicroelectronics STELPD01APUR Datasheet HTML 22Page - STMicroelectronics STELPD01APUR Datasheet HTML 23Page - STMicroelectronics STELPD01APUR Datasheet HTML 24Page - STMicroelectronics STELPD01APUR Datasheet HTML 25Page - STMicroelectronics STELPD01APUR Datasheet HTML 26Page - STMicroelectronics STELPD01APUR Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
List of figures
Figure 1.
Block diagram .................................................................... 2
Figure 2.
Pin connection (top view) ............................................................. 3
Figure 3.
Typical application circuit ............................................................. 4
Figure 4.
Typical application circuit with reverse current protection ....................................... 4
Figure 5.
Typical startup sequence for STELPD01 and STELPD01A ...................................... 8
Figure 6.
Delay time and VOUT ramp-up time ...................................................... 9
Figure 7.
EN/Fault driver circuit .............................................................. 11
Figure 8.
External gate driver circuit ........................................................... 12
Figure 9.
ILIM vs. RLIM ..................................................................... 13
Figure 10.
ILIM vs. RLIM (magnification) .......................................................... 13
Figure 11.
Bias current vs. temperature (ON Mode) ................................................. 13
Figure 12.
Bias current vs. temperature (Fault Mode) ................................................ 13
Figure 13.
Bias current vs. temperature (OFF Mode) ................................................ 14
Figure 14.
RDS_ON vs. temperature............................................................. 14
Figure 15.
ILIM vs. temperature ............................................................... 14
Figure 16.
Clamping voltage vs. temperature ...................................................... 14
Figure 17.
UVLO vs. temperature .............................................................. 14
Figure 18.
UVLO Hysteresis vs. temperature ...................................................... 14
Figure 19.
EN/Fault pin thresholds vs. temperature.................................................. 15
Figure 20.
EN/Fault pull-up voltage vs. temperature ................................................. 15
Figure 21.
EN/Fault pin current vs. temperature (EN/Fault to GND)....................................... 15
Figure 22.
Soft-start time vs. temperature (no Cdv/dt) ................................................ 15
Figure 23.
External FET clamp voltage (VFETmax) vs. input voltage ....................................... 15
Figure 24.
Startup with no load ............................................................... 15
Figure 25.
Startup with RLOAD = 5 Ω ............................................................ 16
Figure 26.
Startup into voltage clamp ........................................................... 16
Figure 27.
Voltage clamp during operation........................................................ 16
Figure 28.
Start-up into output short-circuit ....................................................... 16
Figure 29.
Startup into overload ............................................................... 16
Figure 30.
Overcurrent protection during operation (latched version)...................................... 16
Figure 31.
Output short-circuit during operation (latched version) ........................................ 17
Figure 32.
Power loss protection through UVLO .................................................... 17
Figure 33.
Power loss protection through EN/Fault .................................................. 17
Figure 34.
DFN10L (3x3 mm) package outline ..................................................... 18
Figure 35.
DFN10L (3x3 mm) recommended footprint ................................................ 19
Figure 36.
DFN10 (3 x 3 mm) reel drawing outline .................................................. 20
Figure 37.
DFN10 (3 x 3 mm) carrier tape ........................................................ 21
Figure 38.
DFN10 (3 x 3 mm) device orientation in tape .............................................. 21
STELPD01
List of figures
DS13254 - Rev 1
page 26/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com