Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AXO Datasheet(PDF) 1 Page - DB Lectro Inc

Part # AXO
Description  CRYSTAL OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

AXO Datasheet(HTML) 1 Page - DB Lectro Inc

  AXO Datasheet HTML 1Page - DB Lectro Inc AXO Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CRYSTAL OSCILLATOR
HCMOS/TTL Crystal Oscillator – AXO Series
The design, manufacturing process, and specifications of this device are subject to change without notice.
Page 2 of 3
FEATURE
All metal welded package
Broad frequency range from 0.25Mhz to 180MHz
Built-in C-MOS IC with tri-state function
5V and 3.3V supply model available
ELECTRICAL SPECIFICATIONS
Model type
Full Size
Half Size
Fan Out Type
TTL/CMOS
CMOS
TTL/CMOS
CMOS
Supply Voltage
5.0V
3.3V
5.0V
3.3V
Frequency Range
0.25-180MHz
0.25-180MHz
0.25-180MHz
0.25-180MHz
Operating Temperature
0-70 ,-20-70 ,-40-85
0.25MHz
~9.999MHz
15mA
10mA
15mA
10mA
10.000MHz~
23.999MHz
15mA
10mA
15mA
10mA
24.000MHz ~
49.999MHz
30ma
20mA
30ma
20mA
50.000MHz ~
79.999MHz
40mA
20mA
40mA
20mA
Frequency
Range
Input
Current
(Max)
80.000MHz ~
180.000MHz
50mA
30mA
50mA
30mA
Frequency
Stability
All Conditions
±
25, ±50, ±100ppm
Symmetry
AT 1/2 Vdd
45/55%
Vol(max)
0.4V/0.5V
0.33V
0.4V/0.5V
0.33V
Input
Voltage
2.4V/4.5V
3.0V
2.4V/2.5V
3.0V
2.97V
Rise/Fall
Time
AT
0.1Vdd~0.9Vdd
5ns max
CMOS load max
15pF/50pF
15pF
15pF/50pF
15pF
Driving
Ability
TTL load max
10TTL
10TTL
Start-up
Time
Load RANGE
5 ms max(15pF)/ 10 ms (50pF)
3600 boul. Matte suite i Brossard Qc tel:(450)-444-1424 fax:(450)-444-4714
DB LECTRO Inc.


Similar Part No. - AXO

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AXO10B48 ASTEC-AXO10B48 Datasheet
155Kb / 2P
120Watts DC-DC Converter
AXO10B48-6 ASTEC-AXO10B48-6 Datasheet
155Kb / 2P
120Watts DC-DC Converter
AXO10B48-6L ASTEC-AXO10B48-6L Datasheet
155Kb / 2P
120Watts DC-DC Converter
AXO10B48-6S ASTEC-AXO10B48-6S Datasheet
155Kb / 2P
120Watts DC-DC Converter
AXO10B48-6SL ASTEC-AXO10B48-6SL Datasheet
155Kb / 2P
120Watts DC-DC Converter
More results

Similar Description - AXO

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
TG-2832CB EPSONTOYOCOM-TG-2832CB Datasheet
477Kb / 1P
Crystal oscillator
logo
ECM Electronics Limited...
GBS303 ECM-GBS303 Datasheet
111Kb / 1P
Crystal Oscillator
logo
Epson ToYoCom
EG-2002CA EPSONTOYOCOM-EG-2002CA Datasheet
325Kb / 2P
CRYSTAL OSCILLATOR
SG-771PCD EPSONTOYOCOM-SG-771PCD Datasheet
366Kb / 2P
CRYSTAL OSCILLATOR
logo
Vectron International, ...
PX-2600-ACA-BA VECTRON-PX-2600-ACA-BA Datasheet
265Kb / 4P
Crystal Oscillator
PX-7000-DAC-D VECTRON-PX-7000-DAC-D Datasheet
449Kb / 6P
Crystal Oscillator
PX-571 VECTRON-PX-571 Datasheet
1Mb / 8P
Crystal Oscillator
logo
NIHON DEMPA KOGYO
7311S-DF-104P NDK-7311S-DF-104P Datasheet
469Kb / 2P
Crystal Oscillator
logo
Epson ToYoCom
SG-3031CM EPSONTOYOCOM-SG-3031CM Datasheet
503Kb / 2P
Crystal Oscillator
VG5032EDN EPSONTOYOCOM-VG5032EDN Datasheet
553Kb / 2P
Crystal Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com