Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AXO Datasheet(PDF) 2 Page - DB Lectro Inc

Part # AXO
Description  CRYSTAL OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

AXO Datasheet(HTML) 2 Page - DB Lectro Inc

  AXO Datasheet HTML 1Page - DB Lectro Inc AXO Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CRYSTAL OSCILLATOR
HCMOS/TTL Crystal Oscillator – AXO Series
#1 OPEN
PIN #8 OPEN
#5 OPEN
#1 >=2.2V
PIN #8 OPEN
#5 OPEN
E/D
Function
#1 <=0.8V
PIN #8 HIGHZ
#5 HIGHZ
PIN#1 E/D
PIN#8 OUT
PIN#1 E/D
PIN#5 OUT
PAD Connection
PIN#7 GND
PIN#14 Vdd
PIN#4 GND
PIN#8 Vdd
MARKING AND DIMENSIONS
PART NUMBER GUIDE
-
AXO -
1
-
100
-
H
- 12.000
-
E
FREQUENCY
BLANK = FULL SIZE
H
= HALF SIZE
TOLERANCE
25 , 50 , 100 PPM
1 = TTL / CMOS (5V)
2 = CMOS (3.3V)
3600 boul. Matte suite i Brossard Qc tel:(450)-444-1424 fax:(450)-444-4714
BLANK = 0+70°C
B = -20+70°C
E = -40+85°C
DB LECTRO Inc.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com