Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LSM6DSTX Datasheet(PDF) 100 Page - STMicroelectronics

Part # LSM6DSTX
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSTX Datasheet(HTML) 100 Page - STMicroelectronics

Back Button LSM6DSTX Datasheet HTML 96Page - STMicroelectronics LSM6DSTX Datasheet HTML 97Page - STMicroelectronics LSM6DSTX Datasheet HTML 98Page - STMicroelectronics LSM6DSTX Datasheet HTML 99Page - STMicroelectronics LSM6DSTX Datasheet HTML 100Page - STMicroelectronics LSM6DSTX Datasheet HTML 101Page - STMicroelectronics LSM6DSTX Datasheet HTML 102Page - STMicroelectronics LSM6DSTX Datasheet HTML 103Page - STMicroelectronics LSM6DSTX Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 175 page
background image
Name
Type
Register address
Default
Comment
Hex
Binary
FSM_OUTS10
R
55
01010101
output
FSM_OUTS11
R
56
01010110
output
FSM_OUTS12
R
57
01010111
output
FSM_OUTS13
R
58
01011000
output
FSM_OUTS14
R
59
01011001
output
FSM_OUTS15
R
5A
01011010
output
FSM_OUTS16
R
5B
01011011
output
RESERVED
-
5E
EMB_FUNC_ODR_CFG_B
R/W
5F
01011111
01001011
EMB_FUNC_ODR_CFG_C
R/W
60
01100000
00010101
STEP_COUNTER_L
R
62
01100010
output
STEP_COUNTER_H
R
63
01100011
output
EMB_FUNC_SRC
R/W
64
01100100
output
EMB_FUNC_INIT_A
R/W
66
01100110
00000000
EMB_FUNC_INIT_B
R/W
67
01100111
00000000
MLC0_SRC
R
70
01110000
output
MLC1_SRC
R
71
01110001
output
MLC2_SRC
R
72
01110010
output
MLC3_SRC
R
73
01110011
output
MLC4_SRC
R
74
01110100
output
MLC5_SRC
R
75
01110101
output
MLC6_SRC
R
76
01110110
output
MLC7_SRC
R
77
01110111
output
Reserved registers must not be changed. Writing to those registers may cause permanent damage to the device.
The content of the registers that are loaded at boot should not be changed. They contain the factory calibration
values. Their content is automatically restored when the device is powered up.
LSM6DSTX
Embedded functions register mapping
DS14039 - Rev 1
page 100/175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com