Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

6N60M2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # 6N60M2
Description  N-channel 600 V, 1.00 typ., 5.5 A MDmesh M2 Power MOSFET in an SOT223-2 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

6N60M2 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button 6N60M2 Datasheet HTML 2Page - STMicroelectronics 6N60M2 Datasheet HTML 3Page - STMicroelectronics 6N60M2 Datasheet HTML 4Page - STMicroelectronics 6N60M2 Datasheet HTML 5Page - STMicroelectronics 6N60M2 Datasheet HTML 6Page - STMicroelectronics 6N60M2 Datasheet HTML 7Page - STMicroelectronics 6N60M2 Datasheet HTML 8Page - STMicroelectronics 6N60M2 Datasheet HTML 9Page - STMicroelectronics 6N60M2 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Figure 7. Gate charge vs gate-source voltage
GADG150220191053QVG
600
500
400
300
200
100
0
12
10
8
6
4
2
0
0
1
2
3
4
5
6
7
VDS
(V)
VGS
(V)
Qg (nC)
VDD = 480 V
ID = 4 A
VDS
Figure 8. Capacitance variations
GADG150220191052CVR
10 3
10 2
10 1
10 0
10 -1
10 0
10 1
10 2
C
(pF)
VDS (V)
CISS
COSS
CRSS
f = 1 MHz
Figure 9. Normalized gate threshold voltage vs
temperature
GADG140220191313VTH
1.1
1.0
0.9
0.8
0.7
0.6
-75
-25
25
75
125
VGS(th)
(norm.)
TJ (°C)
ID = 250 μA
Figure 10. Normalized on-resistance vs temperature
GADG140220191313RON
2.5
2.0
1.5
1.0
0.5
0.0
-75
-25
25
75
125
RDS(on)
(norm.)
VGS = 10 V
TJ (°C)
Figure 11. Source-drain diode forward characteristics
GADG140220191314SDF
1.0
0.9
0.8
0.7
0.6
0.5
0
1
2
3
4
VSD
(V)
ISD (A)
Tj = -50 °C
Tj = 25 °C
Tj = 150 °C
Figure 12. Output capacitance stored energy
GADG150220191216EOS
1.6
1.2
0.8
0.4
0
0
100 200 300 400 500 600
EOSS
(μJ)
VDS (V)
STN6N60M2
Electrical characteristics (curves)
DS12926 - Rev 2
page 6/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com