Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

6N60M2 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 6N60M2
Description  N-channel 600 V, 1.00 typ., 5.5 A MDmesh M2 Power MOSFET in an SOT223-2 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

6N60M2 Datasheet(HTML) 2 Page - STMicroelectronics

  6N60M2 Datasheet HTML 1Page - STMicroelectronics 6N60M2 Datasheet HTML 2Page - STMicroelectronics 6N60M2 Datasheet HTML 3Page - STMicroelectronics 6N60M2 Datasheet HTML 4Page - STMicroelectronics 6N60M2 Datasheet HTML 5Page - STMicroelectronics 6N60M2 Datasheet HTML 6Page - STMicroelectronics 6N60M2 Datasheet HTML 7Page - STMicroelectronics 6N60M2 Datasheet HTML 8Page - STMicroelectronics 6N60M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
1
Electrical ratings
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VGS
Gate-source voltage
±25
V
ID (1)
Drain current (continuous) at TC = 25 °C
5.5
A
ID (1)
Drain current (continuous) at TC = 100 °C
3.5
A
IDM (2)
Drain current (pulsed)
8
A
PTOT
Total power dissipation at TS = 25 °C
6
W
dv/dt(3)
Peak diode recovery voltage slope
15
V/ns
dv/dt(4)
MOSFET dv/dt ruggedness
50
TJ
Operating junction temperature range
-55 to 150
°C
Tstg
Storage temperature range
1. Limited by maximum junction temperature.
2. Pulse width limited by safe operating area.
3. ISD ≤ 5.5 A, di/dt = 400 A/μs; VDS(peak) < V(BR)DSS, VDD = 400 V
4. VDS ≤ 480 V
Table 2. Thermal data
Symbol
Parameter
Value
Unit
Rthj-S
Thermal resistance junction-solder point
20
°C/W
Rthj-pcb (1)
Thermal resistance junction-pcb
38
°C/W
1. When mounted on 1 inch² FR-4, 2 Oz copper board.
Table 3. Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not repetitive
(pulse width limited by Tjmax.)
0.8
A
EAS
Single pulse avalanche energy
(starting Tj = 25 °C, ID = IAR, VDD = 50 V)
83
mJ
STN6N60M2
Electrical ratings
DS12926 - Rev 2
page 2/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com