Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MBR2045CTI Datasheet(PDF) 4 Page - Diodes Incorporated

Part # MBR2045CTI
Description  20A SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR2045CTI Datasheet(HTML) 4 Page - Diodes Incorporated

  MBR2045CTI Datasheet HTML 1Page - Diodes Incorporated MBR2045CTI Datasheet HTML 2Page - Diodes Incorporated MBR2045CTI Datasheet HTML 3Page - Diodes Incorporated MBR2045CTI Datasheet HTML 4Page - Diodes Incorporated MBR2045CTI Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MBR2045CTI
Document number: DS36471 Rev. 6 - 4
4 of 5
www.diodes.com
December 2020
© Diodes Incorporated
MBR2045CTI
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
TO251
TO251
Dim
Min
Max
A
2.20
2.40
A2
0.95
1.15
A3
0.45
0.55
b
0.55
0.74
c
0.45
0.55
D
6.45
6.75
D2
5.20
5.40
E
5.95
6.25
E2
0.95
1.25
e
2.24
2.34
e1
4.43
4.73
L
9.00
9.40
L1
1.30
1.70
All Dimensions in mm
D
D2
E
L
E2
b
e
e1
A
A3
c
A2
L1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com