Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MBR2045CTI Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MBR2045CTI
Description  20A SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR2045CTI Datasheet(HTML) 2 Page - Diodes Incorporated

  MBR2045CTI Datasheet HTML 1Page - Diodes Incorporated MBR2045CTI Datasheet HTML 2Page - Diodes Incorporated MBR2045CTI Datasheet HTML 3Page - Diodes Incorporated MBR2045CTI Datasheet HTML 4Page - Diodes Incorporated MBR2045CTI Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MBR2045CTI
Document number: DS36471 Rev. 6 - 4
2 of 5
www.diodes.com
December 2020
© Diodes Incorporated
MBR2045CTI
Maximum Ratings (Per Leg) (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VRM
45
V
Average Rectified Output Current
(Per Leg)
(Total)
IO
10
20
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
130
A
Thermal Characteristics (Per Leg)
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance, Junction to Case (Note 5)
RθJC
16
°C/W
Typical Thermal Resistance, Junction to Ambient (Note 5)
RθJA
80
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (Per Leg) (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Forward Voltage Drop
VF
0.58
0.53
0.72
0.66
0.65
0.60
0.80
0.73
V
IF = 10A, TJ = +25°C
IF = 10A, TJ = +125°C
IF = 20A, TJ = +25°C
IF = 20A, TJ = +125°C
Leakage Current (Note 6)
IR
0.1
15
mA
VR = 45V, TJ = +25°C
VR = 45V, TJ = +125°C
Notes:
5. FR-4 PCB, 2oz.Copper, minimum recommended pad layout per http://www.diodes.com/package-outlines.html.
6. Short duration pulse test used to minimize self-heating effect.
I
AVERAGE FORWARD CURRENT (A)
Figure 1 Forward Power Dissipation
F(AV)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0
5
10
15
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
F
Figure 2 Typical Forward Characteristics
I
,I
N
S
TA
N
TA
N
E
O
U
S
F
O
R
W
A
R
D
C
U
R
R
E
N
T(
A
)
F
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
0.001
0.01
0.1
1
10
100
0
100 200 300 400 500 600 700 800 900
T = -55°C
A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com