Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STGD3HF60HD Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGD3HF60HD
Description  4.5 A, 600 V very fast IGBT with Ultrafast diode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD3HF60HD Datasheet(HTML) 5 Page - STMicroelectronics

  STGD3HF60HD Datasheet HTML 1Page - STMicroelectronics STGD3HF60HD Datasheet HTML 2Page - STMicroelectronics STGD3HF60HD Datasheet HTML 3Page - STMicroelectronics STGD3HF60HD Datasheet HTML 4Page - STMicroelectronics STGD3HF60HD Datasheet HTML 5Page - STMicroelectronics STGD3HF60HD Datasheet HTML 6Page - STMicroelectronics STGD3HF60HD Datasheet HTML 7Page - STMicroelectronics STGD3HF60HD Datasheet HTML 8Page - STMicroelectronics STGD3HF60HD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
STGD3HF60HD
Electrical characteristics
Doc ID 17690 Rev 3
5/16
Table 6.
Switching on/off (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
(di/dt)on
Turn-on delay time
Current rise time
Turn-on current slope
VCC = 400 V, IC = 1.5 A
RG= 100 Ω, VGE = 15 V
(see Figure 19)
-
11
4
285
-
ns
ns
A/µs
td(on)
tr
(di/dt)on
Turn-on delay time
Current rise time
Turn-on current slope
VCC = 400 V, IC = 1.5 A
RG = 100 Ω, VGE = 15 V,
Tj =125 °C (see Figure 19)
-
10
5
265
-
ns
ns
A/µs
tr(Voff)
td(off)
tf
Off voltage rise time
Turn-off delay time
Current fall time
VCC = 400 V, IC = 1.5 A,
RGE = 100 Ω, VGE = 15 V
(see Figure 19)
-
26
60
50
-
ns
ns
ns
tr(Voff)
td(off)
tf
Off voltage rise time
Turn-off delay time
Current fall time
VCC = 400 V, IC = 1.5 A,
RGE = 100 Ω, VGE =15 V,
Tj = 125 °C (see Figure 19)
-
64
69
71
-
ns
ns
ns
Table 7.
Switching energy (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Eon
(1)
Eoff
(2)
Ets
1.
Eon is the turn-on losses when a typical diode is used in the test circuit in (see Figure 20). If the IGBT is
offered in a package with a co-pak diode, the co-pack diode is used as external diode. IGBTs and diode
are at the same temperature (25°C and 125°C).
2.
Turn-off losses include also the tail of the collector current.
Turn-on switching losses
Turn-off switching losses
Total switching losses
VCC = 400 V, IC = 1.5 A
RG = 100 Ω, VGE=15 V
(see Figure 19)
-
19
12
31
-
µJ
µJ
µJ
Eon
(1)
Eoff
(2)
Ets
Turn-on switching losses
Turn-off switching losses
Total switching losses
VCC = 400 V, IC = 1.5 A
RG = 100 Ω, VGE = 15 V,
Tj = 125 °C (see Figure 19)
-
38
35
73
-
µJ
µJ
µJ
Table 8.
Collector-emitter diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VF
Forward on-voltage
IF = 1.5 A
IF = 1.5 A, Tj=125 °C
-
1.4
1.15
1.8
V
trr
Qrr
Irrm
Reverse recovery time
Reverse recovery charge
Reverse recovery current
IF = 1.5 A, VR = 40 V,
di/dt = 100 A/
μs
(see Figure 20)
-
85
124
3
ns
nC
A
trr
Qrr
Irrm
Reverse recovery time
Reverse recovery charge
Reverse recovery current
IF = 1.5 A,VR = 40 V,
Tj =125 °C, di/dt = 100 A/μs
(see Figure 20)
-
114
194
3.5
ns
nC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com