Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STGD3HF60HD Datasheet(PDF) 6 Page - STMicroelectronics

Part # STGD3HF60HD
Description  4.5 A, 600 V very fast IGBT with Ultrafast diode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD3HF60HD Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STGD3HF60HD Datasheet HTML 2Page - STMicroelectronics STGD3HF60HD Datasheet HTML 3Page - STMicroelectronics STGD3HF60HD Datasheet HTML 4Page - STMicroelectronics STGD3HF60HD Datasheet HTML 5Page - STMicroelectronics STGD3HF60HD Datasheet HTML 6Page - STMicroelectronics STGD3HF60HD Datasheet HTML 7Page - STMicroelectronics STGD3HF60HD Datasheet HTML 8Page - STMicroelectronics STGD3HF60HD Datasheet HTML 9Page - STMicroelectronics STGD3HF60HD Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical characteristics
STGD3HF60HD
6/16
Doc ID 17690 Rev 3
2.1
Electrical characteristics (curves)
Figure 2.
Output characteristics
Figure 3.
Output characteristic details
Figure 4.
Transfer characteristics
Figure 5.
Collector-emitter on voltage vs
collector current
Figure 6.
Collector-emitter on voltage vs
temperature
Figure 7.
Breakdown voltage vs temperature
IC
6
4
2
0
0
4
VCE(V)
8
(A)
2
6
8
10
8V
6V
7V
VGE=15V
12
14
16
9V
10V
11V
12V
13V
AM08674v1
IC
1.5
1.0
0.5
0
0
2
VCE(V)
4
(A)
1
3
2.0
2.5
8V
6V
7V
VGE=15V
3.0
3.5
4.0
9V
AM08675v1
IC
6
4
2
0
0
4
VGE(V)
8
(A)
2
6
10
8
10
12
12
14
16
VCE=10V
AM08676v1
VCE(sat)
2.5
2.0
1.5
1.0
0.5
1.5
IC(A)
(V)
1.0
2.0
3.0
TJ=25°C
TJ=125°C
TJ=-50°C
3.5
3.0
2.5
VGE=15V
AM08677v1
VCE(sat)
2.5
2.0
1.5
1.0
-50
50
TJ(°C)
(V)
0
100
3.0
IC=1.5A
IC=0.75A
IC=3A
3.5
VGE=15V
AM08678v1
VCES
-50
0
TJ(°C)
(V)
50
100
600
640
680
720
IC=1mA
AM08679v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com