Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LX1701 Datasheet(PDF) 9 Page - Microsemi Corporation

Part # LX1701
Description  2W Filterless Mono Class-D Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1701 Datasheet(HTML) 9 Page - Microsemi Corporation

Back Button LX1701 Datasheet HTML 5Page - Microsemi Corporation LX1701 Datasheet HTML 6Page - Microsemi Corporation LX1701 Datasheet HTML 7Page - Microsemi Corporation LX1701 Datasheet HTML 8Page - Microsemi Corporation LX1701 Datasheet HTML 9Page - Microsemi Corporation LX1701 Datasheet HTML 10Page - Microsemi Corporation LX1701 Datasheet HTML 11Page - Microsemi Corporation LX1701 Datasheet HTML 12Page - Microsemi Corporation LX1701 Datasheet HTML 13Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LX1701
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove CA. 92841 714-898-8121, FAX 714-893-2570
Page 9
2W Filterless Mono Class-D Audio Amplifier
Copyright
© 2004
Rev. 1.0a, 2004-07-09
TM
®
APPLICATION INFORMATION
For Test Purpose
OUTN
PVDD
PVDD
OUTP
GAIN
VINN
VINP
TOVL
LX1701
VBAT
JP1
C8
C9
Audio
In
Thermal
Indicator
VBAT
VBAT
VBAT
VBAT
GND
C1
VBAT
+
JP3
JP2
1
2
1
2
1
2
J1
J2
J3
9
10
11
12
13
14
15
16
1
2
3
4
5
6
7
8
R1
4/2W
C7
470nF
C6
470nF
JP4
JP5
R4
470
R5
470
C4
4700pF
C5
2200pF
TP2
R2
470
R3
470
C2
4700pF
C3
2200pF
TP1
J4
Option
For Test Purpose
*C1 Value is dependant on the current drain from power supply, 1.0 ~ 33µF with output power 350mW ~ 3.5W
Figure 4
– LXE1701 Evaluation Module Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com