Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STNRGPF02 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STNRGPF02
Description  2-channel interleaved PFC driver with embedded digital inrush current limiter function
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRGPF02 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STNRGPF02 Datasheet HTML 19Page - STMicroelectronics STNRGPF02 Datasheet HTML 20Page - STMicroelectronics STNRGPF02 Datasheet HTML 21Page - STMicroelectronics STNRGPF02 Datasheet HTML 22Page - STMicroelectronics STNRGPF02 Datasheet HTML 23Page - STMicroelectronics STNRGPF02 Datasheet HTML 24Page - STMicroelectronics STNRGPF02 Datasheet HTML 25Page - STMicroelectronics STNRGPF02 Datasheet HTML 26Page - STMicroelectronics STNRGPF02 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
Figure 23. Pin loading conditions
5.1.6
Pin output voltage
The input voltage measurement on a pin is described in Figure 24.
Figure 24. Pin input voltage
5.2
Absolute maximum ratings
Stresses above those listed as 'absolute maximum ratings' may cause permanent damage to the device. This is a
stress rating only and the functional operation of the device under these conditions is not implied. Exposure to
maximum rating conditions for extended periods may affect the device reliability.
Table 3. Voltage characteristics
Symbol
Ratings
Min.
Max.
Unit
VDDX –VSSX
Supply voltage (1)
-0.3
6.5
V
VIN
Input voltage on any other pin (2)
VSS-0.3
VDD+0.3
STNRGPF02, STNRGPF12
Absolute maximum ratings
DS12895 - Rev 2
page 23/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com