Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STNRGPF02 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STNRGPF02
Description  2-channel interleaved PFC driver with embedded digital inrush current limiter function
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRGPF02 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STNRGPF02 Datasheet HTML 20Page - STMicroelectronics STNRGPF02 Datasheet HTML 21Page - STMicroelectronics STNRGPF02 Datasheet HTML 22Page - STMicroelectronics STNRGPF02 Datasheet HTML 23Page - STMicroelectronics STNRGPF02 Datasheet HTML 24Page - STMicroelectronics STNRGPF02 Datasheet HTML 25Page - STMicroelectronics STNRGPF02 Datasheet HTML 26Page - STMicroelectronics STNRGPF02 Datasheet HTML 27Page - STMicroelectronics STNRGPF02 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
Symbol
Ratings
Min.
Max.
Unit
VDD–VDDA
Variation between different power pins
50
mV
VSS–VSSA
Variation between all the different
ground pins (3)
50
1. All power VDDX (VDD, VDDA) and ground VSSX (VSS, VSSA) pins must always be connected to the external power supply
2. IINJ(PIN) mustnever be exceeded. This is implicitly insured if VIN maximum isrespected. If VIN maximumcannot be respected,
the injection current must be limited externally to the IINJ(PIN) value.A positive injection is induced by VIN > VDD whilea
negative injection is induced by VIN<VSS.
3. VSS and VSSA signals must be interconnected together with a short wire loop
Table 4. Current characteristics
Symbol
Ratings
Max (1)
Unit
IVDDX
Total currentinto VDDX power lines (2)
100
mA
IVSSX
Total current out of VSSX power lines (2)
100
IIO
Output current sunk by any I/Os and control
pin
Ref. to Table 11
Output current source by any I/Os and
control pin
-
IINJ(PIN)(3) , (4)
Injected current on any pin
±4
IINJ(TOT)(3), (4), (5)
Sumofinjected currents
±20
1. Data based on characterization results, not tested in production.
2. All power VDDX (VDD, VDDA) and ground VSSX (VSS, VSSA) pins must always be connected to the external power supply.
3. IINJ(PIN) must never be exceeded. This is implicitly insured if VIN maximum is respected. If VIN maximum cannot be
respected, the injection current must be limited externally to the IINJ(PIN) value. A positive injection is induced by VIN > VDD
while a negative injection is induced by VIN < VSS
4. Negative injection disturbs the analog performance of the device.
5. When several inputs are submitted to a current injection, the maximum IINJ(PIN) is the absolute sum of the positive and
negative injected currents (instantaneous values). These results are based on characterization with the IINJ(PIN) maximum
current injection on four I/O port pins of the device.
Table 5. Thermal characteristics
Symbol
Ratings
Max.
Unit
TSTG
Storage temperature range
-65 to 150
ºC
TJ
Maximum junction temperature
150
5.3
Operating conditions
The device must be used in operating conditions that respect the parameters listed in Table 6. In addition, a full
account must be taken for all physical capacitor characteristics and tolerances.
Table 6. General operating conditions
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VDD1, VDDA1
Operating voltages
-
3
-
5.5
V
VDD, VDDA
Nominal operating voltages
-
-
5
-
VCOUT
Core digital power supply
-
1.8(1)
-
STNRGPF02, STNRGPF12
Operating conditions
DS12895 - Rev 2
page 24/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com