Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STP15810 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STP15810
Description  N-channel 100 V, 0.0036 Ω typ., 110 A, STripFET™ F7 Power MOSFET in a TO-220 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP15810 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STP15810 Datasheet HTML 3Page - STMicroelectronics STP15810 Datasheet HTML 4Page - STMicroelectronics STP15810 Datasheet HTML 5Page - STMicroelectronics STP15810 Datasheet HTML 6Page - STMicroelectronics STP15810 Datasheet HTML 7Page - STMicroelectronics STP15810 Datasheet HTML 8Page - STMicroelectronics STP15810 Datasheet HTML 9Page - STMicroelectronics STP15810 Datasheet HTML 10Page - STMicroelectronics STP15810 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DocID024972 Rev 4
7/13
STP15810
Electrical characteristics
13
Figure 8. Capacitance variations
Figure 9. Normalized gate threshold voltage vs
temperature
Figure 10. Normalized on-resistance vs
temperature
Figure 11. Normalized VDS vs temperature
Figure 12. Source-drain diode forward
characteristics
C
3000
2000
1000
0
0
40
VDS(V)
(pF)
20
60
Ciss
Coss
Crss
80
100
4000
6000
7000
8000
5000
AM18046v1
VGS(th)
0.7
0.6
0.5
0.4
-75
25
TJ(°C)
(norm)
0.8
75
-25
125
ID=250
µA
0.9
1
1.1
AM18047v1
RDS(on)
1.8
1.2
0.8
0.4
TJ(°C)
(norm)
0.6
1
1.4
1.6
2
-75
25
75
-25
125
AM18048v1
ID=55A
VDS
(norm)
0.96
0.97
0.98
0.99
1
1.01
1.02
1.03
ID=1mA
1.04
-75
25
75
-25
125
TJ(°C)
AM18049v1
VSD
0
40
ISD(A)
(V)
20
100
60
80
0.3
0.4
0.5
0.6
TJ=-55°C
TJ=175°C
TJ=25°C
0.7
1
0.8
0.9
AM18055v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com