Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ALF1P05 Datasheet(PDF) 2 Page - Nais(Matsushita Electric Works)

Part # ALF1P05
Description  20A Power Relay For Home appliances
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

ALF1P05 Datasheet(HTML) 2 Page - Nais(Matsushita Electric Works)

  ALF1P05 Datasheet HTML 1Page - Nais(Matsushita Electric Works) ALF1P05 Datasheet HTML 2Page - Nais(Matsushita Electric Works) ALF1P05 Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LF
41
TYPES
Contact
arrangement
Coil voltage,
V DC
TMP type
PCB type
1 Form A
5
ALF1T05
ALF1P05
6
ALF1T06
ALF1P06
9
ALF1T09
ALF1P09
12
ALF1T12
ALF1P12
18
ALF1T18
ALF1P18
24
ALF1T24
ALF1P24
COIL DATA
Nominal voltage,
V DC
Pick-up voltage,
V DC (max.)
Drop-out voltage,
V DC (min.)
Coil resistance,
Ω(±10%)
Nominal operating
current, mA
(
±10%)
Nominal operating
power, W
Maximum allow-
able voltage, V DC
5
3.5
0.5
27.8
180
0.9
5.5
6
4.2
0.6
40
150
6.6
9
6.3
0.9
90
100
9.9
12
8.4
1.2
160
75
13.2
18
12.6
1.8
360
50
19.8
24
16.8
2.4
640
37.5
26.4
DIMENSIONS
mm inch
1. TMP type
22.0
.866
27.6
1.087
30.1
1.185
15.7
.618
12.0
.472
0.5
.020
23.3
.917
4.0
.157
3 NO COM 4
12
2.0
.079
12.8
.504
11.25
.443
6.4
.252
#250 terminal
Dimension :
Tolerance
Max. 1mm .039 inch:
±0.1 ±.004
1 to 3mm .039 to .118 inch:
±0.2 ±.008
Min. 3mm .118 inch:
±0.3 ±.012
PC board pattern (Bottom view)
Tolerance :
±0.1 ±.004
Schematic (Bottom view)
4-1.8
dia.
4-.071
dia.
±.004
1.087
±0.1
27.6
±0.1
13.8
±.004
.543
±0.1
12.0
±0.1
10.0
±.004
.472
±.004
.394
±0.1
12.0
±.004
.472
NO
COM
FASTON 250
PC board side
2. PCB type
22.0
.866
27.6
1.087
30.1
1.185
15.7
.618
12.0
.472
0.5
.020
23.3
.917
4.0
.157
3 NO COM 4
12
Dimension :
Tolerance
Max. 1mm .039 inch:
±0.1 ±.004
1 to 3mm .039 to .118 inch:
±0.2 ±.008
Min. 3mm .118 inch:
±0.3 ±.012
PC board pattern (Bottom view)
Tolerance :
±0.1 ±.004
Schematic (Bottom view)
±.004
1.087
±0.1
27.6
±0.1
13.8
±.004
.543
±0.1
12.0
±0.1
10.0
±.004
.472
±.004
.394
±0.1
12.0
±.004
.472
4-1.8
dia.
4-.071
dia.
NO
COM



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com