Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ALF1P05 Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # ALF1P05
Description  20A Power Relay For Home appliances
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

ALF1P05 Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  ALF1P05 Datasheet HTML 1Page - Nais(Matsushita Electric Works) ALF1P05 Datasheet HTML 2Page - Nais(Matsushita Electric Works) ALF1P05 Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LF
40
TMP type
PCB type
mm inch
30.1
1.185
23.3
.917
15.7
.618
23.3
.917
30.1
1.185
15.7
.618
FEATURES
1. Ideal for compressor and inverter
loads
1) Compressor load: 20A 250V AC
2) Inverter load: 20A 100V AC, 10A 200V AC
2. High insulation resistance
• Creepage distance and clearances
between contact and coil;
Creepage Min. 9.5mm .374inch/Clear-
ance Min. 8mm .315inch
• Surge withstand voltage: Min. 10,000V
3. "PCB" and "TMP" types available
4. Conforms to the various safety
standards:
UL/CSA, TÜV, VDE approved
SPECIFICATIONS
Contact
Coil
Characteristics
Arrangement
1 Form A
Initial contact resistance, max.
(By voltage drop 6 V DC 1 A)
100 m
Contact material
Silver alloy
Rating
(resistive load)
Nominal switching
capacity
20 A 250V AC
Max. switching
power
6,250 V A
Max. switching
voltage
250V AC
Max. switching
current
25 A
Expected life
(min. operations)
Mechanical
(at 180 cpm)
2
× 106
Electrical
(at 20 cpm)
(Resistive load)
105
Nominal operating power
900 mW
Max. operating speed
(at rated load)
20 cpm
Initial insulation resistance*1
Min. 1,000 M
Ω (at 500 V DC)
Initial breakdown
voltage*2
Between open
contacts
1,000 Vrms for 1 min.
Between contacts
and coil
5,000 Vrms for 1 min.
Surge voltage between contact and
coil*3
Min. 10,000 V
Operate time*4
(at nominal voltage)
Approx. 15ms
Release time (without diode)*4
(at nominal voltage)
Approx. 15ms
Temperature rise
(at nominal voltage)
Max. 45
°C
(resistance method, contact
current 20 A, rated coil
voltage, 60
°C 140°F)
Shock
resistance
Functional*5
Min. 100 m/s2{10 G}
Destructive*6
Min. 1,000 m/s2{100 G}
Vibration
resistance
Functional*7
10 to 55Hz
at double amplitude of 1.5mm
Destructive
10 to 55Hz
at double amplitude of 1.5mm
Conditions for
operation, trans-
port and storage*8
(Not freezing and
condensing at low
temperature)
Ambient temp.
–40
°C to +60°C
–40
°F to +140°F
Humidity
5 to 85% R.H.
Unit weight
Approx. 23 g .81 oz
Remarks
* Specifications will vary with foreign standards certification ratings.
*1 Measurement at same location as "Initial breakdown voltage" section.
*2 Detection current: 10mA
*3 Wave is standard shock voltage of
±1.2 × 50µs according to JEC-212-1981
*4 Excluding contact bounce time.
*5 Half-wave pulse of sine wave: 11 ms; detection time: 10
µs
*6 Half-wave pulse of sine wave: 6 ms
*7 Detection time: 10
µs
*8 Refer to 5. Conditions for operation, transport and storage mentioned in
AMBIENT ENVIRONMENT (Page 24).
TYPICAL
APPLICATIONS
• Air conditioner
• Refrigerators
• OA equipment
ORDERING INFORMATION
Product Name
LF
Contact arrangement
Terminal shape
Coil voltage, V DC
1: 1 Form A
Note: Standard packing; Carton: 50 pcs. Case 200 pcs.
UL/CSA,VDE, TÜV approved type is standard.
T: TMP type
P: PCB type
05: 5
12: 12
06: 6
18: 18
09: 9
24: 24
Ex.
A
LF
1
T
12
LF-RELAYS
20A Power Relay For
Home appliances
VDE


Similar Part No. - ALF1P05

ManufacturerPart #DatasheetDescription
logo
Altech corporation
ALF1-012 ALTECH-ALF1-012 Datasheet
444Kb / 1P
30 mm Illuminated Flush Momentary Operator ALFx-yyy (fillament bulb) and ALFxLB-yyy (LED bulb) (x=color; yyy=voltage)
ALF1-024 ALTECH-ALF1-024 Datasheet
444Kb / 1P
30 mm Illuminated Flush Momentary Operator ALFx-yyy (fillament bulb) and ALFxLB-yyy (LED bulb) (x=color; yyy=voltage)
ALF1-048 ALTECH-ALF1-048 Datasheet
444Kb / 1P
30 mm Illuminated Flush Momentary Operator ALFx-yyy (fillament bulb) and ALFxLB-yyy (LED bulb) (x=color; yyy=voltage)
ALF1-110 ALTECH-ALF1-110 Datasheet
444Kb / 1P
30 mm Illuminated Flush Momentary Operator ALFx-yyy (fillament bulb) and ALFxLB-yyy (LED bulb) (x=color; yyy=voltage)
ALF1-230 ALTECH-ALF1-230 Datasheet
444Kb / 1P
30 mm Illuminated Flush Momentary Operator ALFx-yyy (fillament bulb) and ALFxLB-yyy (LED bulb) (x=color; yyy=voltage)
More results

Similar Description - ALF1P05

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
SM8311 SHARP-SM8311 Datasheet
121Kb / 4P
8-Bit Single-Chip Microcomputer(Controllers For Home Appliances)
logo
fujitsu semiconductor
FTR-K3 FUJITSU-FTR-K3 Datasheet
71Kb / 4P
POWER RELAY 20A type Relay
logo
rfsolutions.ltd
WIFI-RF RFSOLUTIONS-WIFI-RF Datasheet
2Mb / 6P
Control home appliances from your phone
logo
TDK Electronics
VFS5045 TDK-VFS5045 Datasheet
275Kb / 4P
Noise suppression filter For home appliances
VFS6045 TDK-VFS6045 Datasheet
308Kb / 4P
Noise suppression filter For home appliances
logo
EXCEL CELL ELECTRONIC C...
ETRRET ECE-ETRRET Datasheet
164Kb / 4P
HOME APPLICATION RELAY
ETRRPT ECE-ETRRPT Datasheet
153Kb / 5P
HOME APPLICATION RELAY
ETRGU ECE-ETRGU Datasheet
115Kb / 3P
HOME APPLICATION RELAY
ETRGL ECE-ETRGL Datasheet
155Kb / 4P
HOME APPLICATION RELAY
ETRGQ ECE-ETRGQ Datasheet
112Kb / 3P
HOME APPLICATION RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com