Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PPC-115W Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PPC-115W
Description  15.6 All-in-One Panel PC with Rockchip RK3399 processor and Android 10 OS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-115W Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PPC-115W Datasheet HTML 1Page - Advantech Co., Ltd. PPC-115W Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Panel PCs
Features
PPC-115W
15.6" All-in-One Panel PC with Rockchip
RK3399 processor and Android 10 OS
ƒ
True flat wide display screen with Pcap multi-touch
ƒ
Embedded Rockchip RK3399 processor, Dual-core Cortex-A72 up to 1.8GHz
and Quad-core Cortex-A53 up to 1.4GHz
ƒ
Onboard 2GB LPDDR4-1333 memory, 16GB eMMC NAND Flash
ƒ
IP65 rated front panel protection
ƒ
Supports VESA 100 and panel mounting(optional)
ƒ
Supports Android 10 pre-installed or Debian 9 (optional)
Introduction
PPC-115W is 15.6" All-in-One PPC with Rockchip RK3399 processor and Android 10 OS pre-installed. Featuring 15.6" wide screen display and 10 points Pcap multi-touch, IP65
rated front panel, VESA or panel mouting support, PPC-115W provides friendly experience and reliable integration possibility. External 2 x USB 2.0/3.0,1 x RS-232 expands more
flexible connection. Pre-installed Android 10, PPC-115W helps customer visiting web information quickly in various IoT applications.
Specifications
Model
PPC-115W-PK91A
PPC-115W-PK91B
System
CPU
Rockchip RK3399
Big.Little architecture: Dual Cortex-A72 + Quad Cortex-A53, 64-bit CPU
GPU
Mali-T860
Memory
On-board 2GB LPDDR4-1333
Network (LAN)
1 x 10/100/1000 Mbps Ethernet (RTL8211FSI)
I/O ports
1 x USB 2.0; 1 x USB 3.0; 2 x USB 2.0 (internal by request)
1x mirco USB OTG
1 x RS 232; 1 x RS232 (internal by request)
1 x DC in
5 x GPIO (by request) (3.3V TTL level)
Expansion
1 x M.2 2230 Key E slot for wireless card
Watchdog Timer
Max timeout: 21s, Default timeout: 10s
General
Storage
16GB eMMC NAND Flash; 1x Micro SD slot
Input Voltage
12VDC, 36W adapter
OS
Android 10 (default), Debian 9 (optional)
Weight
2.6kg
Dimensions
402.0 x 260.0 x 53.2 mm
Mounting
VESA 100,Panel mounting (optional)
Display
Size
15.6" Panel
Resolution
1366 x 768
1920 x 1080
Viewing Angle
45 (left), 45 (right), 15 (up),35 (down)
85(left), 85(right), 85(up), 85(down)
Brightness
220
250
Contrast Ratio
400
800
Backlight Lifetime
15,000 hrs (Min.)
Touch screen
Type
Projected Capacitive Multi-touch
Light Transmission
≥ 88%
Interface
USB
Environment
Operating Temperature
0 ~ 50°C
Storage Temperature
-20 ~ 60°C
Humidity
10 ~ 95% @ 40°C (non-condensing)
Shock
Operating 10 G peak acceleration (11 ms duration), follow IEC 60068-2-27
Vibration
Operating Random Vibration Test 5~500Hz, 0.5Grms , follow IEC 60068-2-64
EMC
CE, FCC Class B, BSMI
Safety
CB, UL, CCC, BSMI
Front panel
IP65 compliant
All product specifications are subject to change without notice.
Last updated: 26-May-2022


Similar Part No. - PPC-115W

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-112W ADVANTECH-PPC-112W Datasheet
379Kb / 2P
11.6 All-in-One Panel PC with Rockchip RK3399 processor and Android 10 OS
26-May-2022
PPC-112W-PK91A ADVANTECH-PPC-112W-PK91A Datasheet
379Kb / 2P
11.6 All-in-One Panel PC with Rockchip RK3399 processor and Android 10 OS
26-May-2022
PPC-112W-PK91AU ADVANTECH-PPC-112W-PK91AU Datasheet
379Kb / 2P
11.6 All-in-One Panel PC with Rockchip RK3399 processor and Android 10 OS
26-May-2022
More results

Similar Description - PPC-115W

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-4150W-P4GAE ADVANTECH-PPC-4150W-P4GAE Datasheet
525Kb / 2P
15.6" Fanless Wide Screen Panel PC with Intel Atom Dual-Core Processor
logo
GSR Technology Ltd
GSR-152PW GSR-GSR-152PW Datasheet
572Kb / 2P
15.6??Fanless Multi-touch Panel PC with Intel짰 CeleronTM J1900 Processor
logo
Advantech Co., Ltd.
PPC-112W ADVANTECH-PPC-112W Datasheet
379Kb / 2P
11.6 All-in-One Panel PC with Rockchip RK3399 processor and Android 10 OS
26-May-2022
PPC-3150SW-MART ADVANTECH-PPC-3150SW-MART Datasheet
504Kb / 2P
15.6 Panel PC with Win 10 LTSC and Intel® Pentium® N4200
22-Jan-2021
PPC-3151SW ADVANTECH-PPC-3151SW Datasheet
440Kb / 2P
15.6 Fanless Panel PC with Intel® Core™ i Processor
28-Jul-2022
RSB-3710 ADVANTECH-RSB-3710 Datasheet
710Kb / 2P
Rockchip RK3399 Cortex-A72 2.5 SBC with UIO40-Express
22-Apr-2022
USC-130 ADVANTECH-USC-130 Datasheet
772Kb / 3P
11.6" ARM Based Android All-in-One Computer
6-Mar-2023
USC-160 ADVANTECH-USC-160 Datasheet
799Kb / 3P
15.6" ARM Based Android All-in-One Computer
6-Jul-2023
USC-360 ADVANTECH-USC-360 Datasheet
1Mb / 3P
15.6" Ultra-Slim, All-in-One Computer
1-Aug-2023
USC-365 ADVANTECH-USC-365 Datasheet
833Kb / 3P
15.6" Ultra-Slim, All-in-One POS
13-Dec-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com