Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LMK04832PAP/EM Datasheet(PDF) 17 Page - Texas Instruments

Part # LMK04832PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM Datasheet(HTML) 17 Page - Texas Instruments

Back Button LMK04832PAP/EM Datasheet HTML 13Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 14Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 15Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 16Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 17Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 18Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 19Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 20Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 102 page
background image
8.1.2 Clock Inputs
Note
CLKIN1 can be used as a reference for dual loop, single loop, or clock distribution mode, providing
flexibility configuring the device for different operation modes from one clock input.
8.1.2.1 Inputs for PLL1
CLKIN0, CLKIN1, and CLKIN2 are the three redundant inputs with their own PLL1 R dividers that can be used
as a reference input to PLL1. The switching between these inputs can either be automatic or manual. For
manual switching, CLKIN_SEL0 and CLKIN_SEL1 pins can be used for faster speed. These input pins are also
shared for other functions.
• CLKIN1 is shared for use as an external 0-delay feedback (FBCLKIN), or for use with an external VCO (FIN).
• CLKIN2 is shared for use as OSCout. To use CLKIN2 as an input power down OSCout, see the VCO_MUX,
OSCout_MUX, OSCout_FMT section.
8.1.2.2 Inputs for PLL2
In dual loop configurations, the PLL2 reference is from OSCin. However, in single PLL2 loop operation, it is also
possible to use any of the three CLKIN inputs of PLL1 as a reference to PLL2.
8.1.2.3 Inputs When Using Clock Distribution Mode
For clock distribution mode, a reference signal may be applied to the FIN0 or FIN1 pins. CLKIN0 can be used
to distribute a SYSREF signal through the device. In this use case, CLKIN0 is re-clocked by CLKIN1. The FIN0
pins are generally recommended over the FIN1 pins because they allow higher frequency, use a lower noise
path, and cannot be used for other functions (like redundant input).
8.1.3 PLL1
PLL1 allows low offset jitter cleaning as well as the use of redundant inputs and frequency holdover.
8.1.3.1 Frequency Holdover
Frequency holdover keeps the clock outputs on frequency with minimum drift when the reference is lost until a
valid reference clock signal is re-established. This can only be used if PLL1 is used.
8.1.3.2 External VCXO for PLL1
When PLL1 is used, an external VCXO is required. The close-in noise performance of this VCXO is critical for
good jitter cleaning performance. The OSCout pin is powered on by default and gives a buffered copy of the
PLL1 feedback and PLL2 reference input at OSCin. This reference input is typically a low noise VCXO or XO.
This output can be used to clock external devices such as microcontrollers, FPGAs, CPLDs, and so forth, before
the device is programmed.
• The OSCout buffer output type is programmable to LVDS, LVPECL, or LVCMOS.
• The VCXO buffered output can be synchronized to the VCO clock distribution outputs by using Cascaded
0-Delay Mode.
8.1.4 PLL2
8.1.4.1 Internal VCOs for PLL2
PLL2 has two internal VCOs. The output of the selected VCO is routed to the Clock Distribution Path. This same
selection is also fed back to the PLL2 phase detector through a prescaler and N-divider.
8.1.4.2 External VCO Mode
An external VCO can be used with PLL2 with the input for the external VCO coming through FIN0 or FIN1,
although FIN0 is generally preferred.
www.ti.com
LMK04832-SEP
SNAS838A – OCTOBER 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com