Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LMK04832PAP/EM Datasheet(PDF) 19 Page - Texas Instruments

Part # LMK04832PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM Datasheet(HTML) 19 Page - Texas Instruments

Back Button LMK04832PAP/EM Datasheet HTML 15Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 16Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 17Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 18Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 19Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 20Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 21Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 22Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 102 page
background image
Each clock output pair includes a local SYSREF analog and digital delay for unique phase adjustment of each
SYSREF clock.
The local analog delay allows for approximately 21-ps steps. Turning-on analog delay adds an additional 124 ps
of delay in the clock path. The digital delay step can be as small as half the period of the clock distribution path.
For example, a 3.2-GHz VCO frequency results in 156.25-ps steps.
The local digital delay and half step allows a SYSREF output to be delayed from 1.5 to 11 clock distribution path
cycles.
8.1.5.7 Programmable Output Formats
All clock outputs can be programmed to an LVDS, HSDS, LVPECL, or LCPECL output type. Odd clock outputs
in addition to CLKOUT8 and CLKOUT10 may also be programmed to LVCMOS. All odd clock outputs can also
be programmed to CML. When in bypass mode the even clock output may only be CML.
The OSCout can be programmed to an LVDS, LVPECL, or LVCMOS output type.
Any HSDS output type can be programmed to 6-mA or 8-mA amplitude levels.
Any LVPECL output type can be programmed to 1600-mVpp or 2000-mVpp amplitude levels. The 2000-mVpp
LVPECL output type is a Texas Instruments proprietary configuration that produces a 2000-mVpp differential
swing for compatibility with many data converters and is also known as 2VPECL.
LCPECL allows for DC-coupling SYSREF to low voltage JESD204B/C targets.
8.1.5.8 Clock Output Synchronization
Using the SYNC input causes all active clock outputs to share a rising edge as programmed by fixed digital
delay.
The SYNC event must occur for digital delay values to take effect.
8.1.6 0-Delay
Two types of 0-delay mode are supported.
1. Cascaded 0-delay
2. Nested 0-delay
Cascaded 0-delay mode establishes a fixed deterministic phase relationship of the phase of the PLL2 input
clock (OSCIN) to the phase of a clock output selected by the feedback mux. The 0-delay feedback uses
internal feedback from the CLKOUT6, CLKOUT8, or SYSREF. The 0-delay feedback can also be from an
external feedback through the FBCLKIN pins. The FB_MUX selects the feedback source. The OSCIN has a
fixed deterministic phase relationship to the feedback clock, therefore OSCout will also have a fixed deterministic
phase relationship to the feedback clock. In this mode, PLL1 input clock (CLKINx) also has a fixed deterministic
phase relationship to PLL2 input clock (OSCIN); this results in a fixed deterministic phase relationship between
all clocks from CLKINx to the clock outputs.
Nested 0-delay mode establishes a fixed deterministic phase relationship of the phase of the PLL1 input clock
(CLKINx) to the phase of a clock output selected by the feedback mux. The 0-delay feedback uses internal
feedback from the CLKOUT6, CLKOUT8, or SYSREF. The 0-delay feedback can also be from an external
feedback through the FBCLKIN port. The FB_MUX selects the feedback source.
Without using 0-delay mode, there will be n possible fixed phase relationships from clock input to clock output
depending on the clock output divide value.
Using an external 0-delay feedback reduces the number of available clock inputs by one.
8.1.7 Status Pins
The status pins can be monitored for feedback or in some cases used for input depending upon device
programming. For example:
• The CLKin_SEL0 pin may indicate the LOS (loss-of-signal) for CLKIN0.
• The CLKin_SEL1 pin may be an input for selecting the active clock input.
www.ti.com
LMK04832-SEP
SNAS838A – OCTOBER 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com