Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

X4DACBL3-C Datasheet(PDF) 5 Page - ATGBICS by Approved Technology

Part # X4DACBL3-C
Description  X4DACBL3 Intel Compatible Direct Attach Copper Breakout Cable 40G QSFP to 4x10G SFP (3m, Passive)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

X4DACBL3-C Datasheet(HTML) 5 Page - ATGBICS by Approved Technology

  X4DACBL3-C Datasheet HTML 1Page - ATGBICS by Approved Technology X4DACBL3-C Datasheet HTML 2Page - ATGBICS by Approved Technology X4DACBL3-C Datasheet HTML 3Page - ATGBICS by Approved Technology X4DACBL3-C Datasheet HTML 4Page - ATGBICS by Approved Technology X4DACBL3-C Datasheet HTML 5Page - ATGBICS by Approved Technology X4DACBL3-C Datasheet HTML 6Page - ATGBICS by Approved Technology X4DACBL3-C Datasheet HTML 7Page - ATGBICS by Approved Technology X4DACBL3-C Datasheet HTML 8Page - ATGBICS by Approved Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_X4DACBL3-C_V1 Page 5 of 8
Product Datasheet
SFP+ Pin Function Definition
Pin
Logic
Symbol
Description
1
VeeT
Module Transmitter Ground
2
LVTTL-O
Tx_Fault
Module Transmitter Fault
3
LVTTL-I
Tx_Disable
Transmitter disable; Turns off transmitter laser output
4
LVTTL-I/O
SDA
2-wire Serial Interface Data Line (Same as MOD-DEF2 in INF-
8074i)
5
LVTTL-I/O
SCL
2-wire Serial Interface Clock (Same as MOD-DEF1 in INF-8074i)
6
Mod_ABS
Module Absent, connected to VeeT or VeeR in the module
7
LVTTL-I
RS0
Rate Select 0, optionally controls SFP+ module receiver
8
LVTTL-O
Rx_LOS
Receiver Loss of Signal Indication (In FC designated as Rx_LOS
and in Ethernet designated as Signal Detect)
9
LVTTL-I
RS1
Rate Select 1, optionally controls SFP+ module
transmitter
10
VeeR
Module Receiver Ground
11
VeeR
Module Receiver Ground
12
CML-O
RD-
Receiver Inverted Data Output
13
CML-O
RD+
Receiver Non-Inverted Data Output
14
VeeR
Module Receiver Ground
15
VccR
Module Receiver 3.3 V Supply
16
VccT
Module Transmitter 3.3 V Supply
17
VeeT
Module Transmitter Ground
18
CML-I
TD+
Transmitter Non-Inverted Data Input
19
CML-I
TD-
Transmitter Inverted Data Input
20
VeeT
Module Transmitter Ground



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com