Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

X4DACBL3-C Datasheet(PDF) 6 Page - ATGBICS by Approved Technology

Part # X4DACBL3-C
Description  X4DACBL3 Intel Compatible Direct Attach Copper Breakout Cable 40G QSFP to 4x10G SFP (3m, Passive)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

X4DACBL3-C Datasheet(HTML) 6 Page - ATGBICS by Approved Technology

  X4DACBL3-C Datasheet HTML 1Page - ATGBICS by Approved Technology X4DACBL3-C Datasheet HTML 2Page - ATGBICS by Approved Technology X4DACBL3-C Datasheet HTML 3Page - ATGBICS by Approved Technology X4DACBL3-C Datasheet HTML 4Page - ATGBICS by Approved Technology X4DACBL3-C Datasheet HTML 5Page - ATGBICS by Approved Technology X4DACBL3-C Datasheet HTML 6Page - ATGBICS by Approved Technology X4DACBL3-C Datasheet HTML 7Page - ATGBICS by Approved Technology X4DACBL3-C Datasheet HTML 8Page - ATGBICS by Approved Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_X4DACBL3-C_V1 Page 6 of 8
Product Datasheet
General Product Characteristics
Q/4SFP+ DAC Specifications
Number of Lanes
Tx & Rx
Channel Data Rate
10.3125 Gbps
Operating Temperature
0 to + 70°C
Storage Temperature
-40 to + 85°C
Supply Voltage
3.3 V nominal
Electrical Interface
38 pins edge connector (QSFP+)
20 pins edge connector (SFP+)
Management Interface
Serial, I2C
High Speed Characteristics
Notes:
1. Reflection Coefficient given by equation SDD11(dB) < -12 + 2 × SQRT(f), with f in GHz
2. Reflection Coefficient given by equation SDD11(dB) < -6.3 + 13 × log10(f/5.5), with f in GHz
Parameter
Symbol
Min
Typical
Max
Unit
Note
Differential Impedance
TDR
90
100
110
Ώ
Insertion loss
SDD21
-17.04
dB
At 5.15625 GHz
Differential Return Loss
SDD11
SDD22
See 1
dB
At 0.05 to 4.1 GHz
See 2
dB
At 4.1 to 11.1 GHz
Differential to common mode
return loss
SCD11
SCD22
-10
dB
At 0.2 to 11.1 GHz
Common-mode to common-
mode output return loss
SCC11
SCC22
-3
dB
At 0.01 to 11.1 GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com