Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS1150 Datasheet(PDF) 2 Page - ams AG

Part # AS1150
Description  Quad LVDS Receivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1150 Datasheet(HTML) 2 Page - ams AG

  AS1150 Datasheet HTML 1Page - ams AG AS1150 Datasheet HTML 2Page - ams AG AS1150 Datasheet HTML 3Page - ams AG AS1150 Datasheet HTML 4Page - ams AG AS1150 Datasheet HTML 5Page - ams AG AS1150 Datasheet HTML 6Page - ams AG AS1150 Datasheet HTML 7Page - ams AG AS1150 Datasheet HTML 8Page - ams AG AS1150 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
www.austriamicrosystems.com
Revision 1.19
2 - 15
AS1150, AS1151
austriamicrosystems
Data Sheet
4 Absolute Maximum Ratings
Stresses beyond those listed in Table 1 may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in Section 5 Electrical
Characteristics on page 3 is not implied. Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
Table 1. Absolute Maximum Ratings
Parameter
Min
Max
Units
Notes
VCC to GND
-0.3
+5.0
V
INx+, INx- to GND
-0.3
+5.0
V
EN, ENn to GND
-0.3
VCC + 0.3
V
OUTx to GND
-0.3
VCC + 0.3
V
Continuous Power Dissipation
(TAMB = +70ºC)
750
mW
Derate 9.4mW/°C Above +70°C
Storage Temperature Range
-65
+150
ºC
Maximum Junction Temperature
+150
ºC
Operating Temperature Range
-40
+85
ºC
ESD Protection
-4
+4
kV
Human Body Model, INx+, INx-
Package Body Temperature
260
ºC
The reflow peak soldering
temperature (body temperature)
specified is in compliance with
IPC/JEDEC J-STD-020C
“Moisture/ Reflow Sensitivity
Classification for Non-Hermetic
Solid State Surface Mount
Devices”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com