Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS1150 Datasheet(PDF) 3 Page - ams AG

Part # AS1150
Description  Quad LVDS Receivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1150 Datasheet(HTML) 3 Page - ams AG

  AS1150 Datasheet HTML 1Page - ams AG AS1150 Datasheet HTML 2Page - ams AG AS1150 Datasheet HTML 3Page - ams AG AS1150 Datasheet HTML 4Page - ams AG AS1150 Datasheet HTML 5Page - ams AG AS1150 Datasheet HTML 6Page - ams AG AS1150 Datasheet HTML 7Page - ams AG AS1150 Datasheet HTML 8Page - ams AG AS1150 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
www.austriamicrosystems.com
Revision 1.19
3 - 15
AS1150, AS1151
austriamicrosystems
Data Sheet
DC Electrical Characteristics
5 Electrical Characteristics
DC Electrical Characteristics
VCC = +3.0 to +3.6V, Differential Input Voltage |VID| = 0.1 to 1.0V, Common-Mode Voltage VCM = |VID/2| to
2.4V - |VID/2|,TAMB = -40 to +85ºC. Typical values are at VCC = +3.3V, TAMB = +25ºC (unless otherwise specified).
1
Notes:
1. Current into a pin is defined as positive. Current out of a pin is defined as negative. All voltages are referenced
to ground except VTH, VTL, and VID.
2. Short only one output at a time. Do not exceed the absolute maximum junction temperature specification.
Table 2. DC Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
LVDS Inputs (INx+, INx-)
Differential Input High
Threshold
VTH
100
mV
Differential Input Low
Threshold
VTL
-100
mV
Input Current (AS1150)
IINx+,
IINx-
0.1V
≤ |VID| ≤ 0.6V
-20
20
µA
0.6V
≤ |VID| ≤ 1.0V
-25
25
µA
Power-Off Input Current
(AS1150)
IINOFF
0.1V
≤ |VID| ≤ 0.6V, VCC = 0
-20
20
µA
0.6V
≤ |VID| ≤ 1.0V, VCC = 0
-25
25
µA
Input Resistor 1 (AS1150)
RIN1
VCC = 3.6V or 0, Figure 16 on page 9
1
35
k
Ω
Input Resistor 2 (AS1150)
RIN2
VCC = 3.6V or 0, Figure 16 on page 9
1
132
k
Ω
Common Mode Input
Resistance
RINCM
AS1151: Input = 0
150
k
Ω
Differential Input
Resistance
RDIFF
AS1151: VCC = 3.6V or 0, Figure 16 on
page 9
90
107
132
Ω
LVCMOS/LVTTL Outputs (OUTx)
Output High Voltage
(Table 5)
VOH
IOH = -4.0mA
(
AS1150)
Open, undriven short, or
undriven 100
Ω parallel
termination
2.7
3.2
V
VID = +100mV
2.7
3.2
IOH = -4.0mA
(AS1151)
Open or Undriven Short
2.7
3.2
VID = +100mV
2.7
3.2
Output Low Voltage
VOL
IOL = +4.0mA, VID = -100mV
0.1
0.25
V
Output Short-Circuit
Current
2
IOS
Enabled, VID = 0.1V, VOUTx = 0
15
160
mA
Output High-Impedance
Current
IOZ
Disabled, VOUTx = 0 or VCC
-10
10
µA
Logic Inputs (EN, ENn)
Input High Voltage
VIH
2.0
VCC
V
Input Low Voltage
VIL
0
0.8
V
Input Current
IIN
VINx = VCC or 0
-15
15
µA
Supply
Supply Current
ICC
Enabled, Inputs Open
5
11
mA
average value, |VID| = 200mV
8
15
Disabled Supply Current
ICCZ
Disabled, Inputs Open
300
500
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com