Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DA9155M Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # DA9155M
Description  2.5 A Companion Charger for Rapid Charging
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9155M Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button DA9155M Datasheet HTML 6Page - Renesas Technology Corp DA9155M Datasheet HTML 7Page - Renesas Technology Corp DA9155M Datasheet HTML 8Page - Renesas Technology Corp DA9155M Datasheet HTML 9Page - Renesas Technology Corp DA9155M Datasheet HTML 10Page - Renesas Technology Corp DA9155M Datasheet HTML 11Page - Renesas Technology Corp DA9155M Datasheet HTML 12Page - Renesas Technology Corp DA9155M Datasheet HTML 13Page - Renesas Technology Corp DA9155M Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
DA9155M
2.5 A Companion Charger for Rapid Charging
Datasheet
Revision 3.2
25-Feb-2022
CFR0011-120-00 Rev 5
10 of 37
© 2022 Renesas Electronics
Table 9: Buck Converter
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Input voltage range
VIN
VIN has to be above VBAT
(Section 7.2)
4.3
13.5
V
Output current range
400
2500
mA
Output current
IOUT
BUCK_IOUT = 0x32
750
mA
BUCK_IOUT = 0x7D
1500
mA
BUCK_IOUT = 0xE1
2500
mA
Output current
regulation accuracy
IOUT_ACC
IOUT = 2.5 A,
D
≤ 80%,
VIN = 5V to 12V,
TA = 0 to 85 ºC (Note 2)
-5%
+5%
1.5 A
≤ IOUT < 2.5 A,
D
≤ 80%,
VIN = 5V to 12V,
TA = 25 ºC (Note 2)
-5%
+5%
500 mA
≤ IOUT < 1.5 A,
D
≤ 80%,
VIN = 5V to 12V,
TA = 25 ºC (Note 2)
-10%
+10%
Efficiency
η
VIN = 5 V
VBAT = 4.4 V
IOUT = 2.5 A
96%
VIN = 9 V
VBAT = 4.4 V
IOUT = 2.5 A
92%
VIN = 12 V
VBAT = 4.4 V
IOUT = 2.5 A
90%
Switching frequency
f
OSC_TUNE = 0x0
BUCK_FSW = 0x0 (Note 3)
1.2
MHz
OSC_TUNE = 0x0
BUCK_FSW = 0x2 (Note 3)
1.5
MHz
OSC_TUNE = 0x0
BUCK_FSW = 0x3 (Note 3)
1
MHz
Duty cycle
D
VIN
≥ 5 V, f=1.5 MHz
15%
85%
Switching frequency is
stepwise reduced above 85%
duty cycle
95%
Minimum off-time
tMIN_OFF
100
ns
High-side RDSON
RDSON-HS
Including pin and routing
25
Low-side RDSON
RDSON-LS
Including pin and routing
25
Peak current limit
ILIM
BUCK_ILIM = 0x19
4400
5500
6600
mA
BUCK_ILIM = 0x14
4000
5000
6000
mA
BUCK_ILIM = 0x0
2050
3000
3820
mA
Note 2
Accuracy may decrease by 5% at D > 80%
Note 3
1 MHz is recommended for VIN
≤ 6.5 V and 1.5 MHz for VIN > 6.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com