Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DA9318L Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # DA9318L
Description  High-Efficiency, 10 A, High-Voltage Direct Charger
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9318L Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button DA9318L Datasheet HTML 9Page - Renesas Technology Corp DA9318L Datasheet HTML 10Page - Renesas Technology Corp DA9318L Datasheet HTML 11Page - Renesas Technology Corp DA9318L Datasheet HTML 12Page - Renesas Technology Corp DA9318L Datasheet HTML 13Page - Renesas Technology Corp DA9318L Datasheet HTML 14Page - Renesas Technology Corp DA9318L Datasheet HTML 15Page - Renesas Technology Corp DA9318L Datasheet HTML 16Page - Renesas Technology Corp DA9318L Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
DA9318L/M
High-Efficiency, 10 A, High-Voltage Direct Charger
Datasheet
Revision 3.2
14-Feb-2022
CFR0011-120-00
13 of 51
© 2022 Renesas Electronics
7.3
Voltage Protection
7.3.1
Input Voltage Protection
Table 7: Input Voltage Protection Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
VOV_IDLE
VIN over-voltage threshold
Rising threshold
in IDLE mode (Note 1)
13.5
14.2
V
VOV_ACT
Rising threshold
during current doubler
operation (ACTIVE mode)
(Note 1)
10.5
V
tDEGLITCH_OV
VIN over-voltage deglitch
time
10
µs
VUV_RISE
VIN under-voltage threshold
Rising threshold, during
current doubler operation
(ACTIVE mode) (Note 1)
5.5
V
VUV_FALL
Falling threshold, during
current doubler operation
(ACTIVE mode) (Note 1)
5.1
V
tDEGLITCH_UV
VIN under-voltage deglitch
time
10
µs
VPROT_HYS
VIN protection hysteresis
(applies to VOV_IDLE and
VOV_ACT)
2
%
RPD
IN pull-down
20
kΩ
Note 1 The device is only operational when VIN is within the range defined by VIN2OUT_MIN and VIN2OUT_MAX, see
Table 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com