Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DA9318L Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # DA9318L
Description  High-Efficiency, 10 A, High-Voltage Direct Charger
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9318L Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button DA9318L Datasheet HTML 17Page - Renesas Technology Corp DA9318L Datasheet HTML 18Page - Renesas Technology Corp DA9318L Datasheet HTML 19Page - Renesas Technology Corp DA9318L Datasheet HTML 20Page - Renesas Technology Corp DA9318L Datasheet HTML 21Page - Renesas Technology Corp DA9318L Datasheet HTML 22Page - Renesas Technology Corp DA9318L Datasheet HTML 23Page - Renesas Technology Corp DA9318L Datasheet HTML 24Page - Renesas Technology Corp DA9318L Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
DA9318L/M
High-Efficiency, 10 A, High-Voltage Direct Charger
Datasheet
Revision 3.2
14-Feb-2022
CFR0011-120-00
21 of 51
© 2022 Renesas Electronics
Figure 6: DA9318L Junction Temperature vs. Output Current
Figure 7: DA9318M Efficiency
15
25
35
45
55
65
75
85
0
1
2
3
4
5
6
7
8
Output Current (A)
Tjunc
80
82
84
86
88
90
92
94
96
98
100
0
1
2
3
4
5
6
7
8
9
10
Battery Charging Current (A)
VOUT = 4.2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com