Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

48LM01 Datasheet(PDF) 18 Page - Microchip Technology

Part # 48LM01
Description  512-Kbit/1-Mbit SPI Serial EERAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

48LM01 Datasheet(HTML) 18 Page - Microchip Technology

Back Button 48LM01 Datasheet HTML 14Page - Microchip Technology 48LM01 Datasheet HTML 15Page - Microchip Technology 48LM01 Datasheet HTML 16Page - Microchip Technology 48LM01 Datasheet HTML 17Page - Microchip Technology 48LM01 Datasheet HTML 18Page - Microchip Technology 48LM01 Datasheet HTML 19Page - Microchip Technology 48LM01 Datasheet HTML 20Page - Microchip Technology 48LM01 Datasheet HTML 21Page - Microchip Technology 48LM01 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
 2018-2019 Microchip Technology Inc.
DS20006008C-page 18
48L512/48LM01
8.0
WRITE COMMANDS
In order to write to the SRAM in the 48L512/48LM01,
the device must be write-enabled via the Write Enable
(WREN) instruction. If the device is not Write Enabled
(WREN), the device will ignore the SRAM WRITE
instruction and will return to the Standby state when CS
is brought high. Each unique write to the SRAM array
is not immediately transferred to EEPROM so there is
no delay after one write to begin another SRAM
read/write operation. Contents of the SRAM are only
automatically transferred to EEPROM on any power
disruption. The user may also force a transfer from
SRAM to EEPROM using the Software Store command
or at power-down with AutoStore. (see Section 11.3
"Software Store Command").
8.1
Write Instruction Sequences
8.1.1
SRAM BYTE WRITE
Once a WREN command has been completed, an
SRAM byte write sequence can be performed as
shown in Figure 8-1. After the CS line is pulled low to
select the device, the opcode is transmitted via the SI
line, followed by the rest of up to 16- or 24-bit address
and the data (D7-D0) to be programmed, depending on
the device.
The 48L512/48LM01 is automatically returned to the
Write Disable state (STATUS register bit WEL = 0) at
the completion of an SRAM write operation.
FIGURE 8-1:
SRAM BYTE WRITE WAVEFORM
Note:
If the CS pin is deselected at somewhere
other than the end of an 8-bit byte
boundary, the incomplete SRAM byte
write will be aborted. Data written is using
the WRITE instruction to the SRAM array.
CS
SCK
1
02 3 4
5 6 7
00
0
0
0
0
1
0
WRITE Opcode
SI
D7 D6 D5 D4 D3 D2 D1 D0
Data In
SO
MSb
MSb
High-Impedance
Address (2 or 3 bytes)
A A AAA
MSb
AAA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com