Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

48LM01 Datasheet(PDF) 19 Page - Microchip Technology

Part # 48LM01
Description  512-Kbit/1-Mbit SPI Serial EERAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

48LM01 Datasheet(HTML) 19 Page - Microchip Technology

Back Button 48LM01 Datasheet HTML 15Page - Microchip Technology 48LM01 Datasheet HTML 16Page - Microchip Technology 48LM01 Datasheet HTML 17Page - Microchip Technology 48LM01 Datasheet HTML 18Page - Microchip Technology 48LM01 Datasheet HTML 19Page - Microchip Technology 48LM01 Datasheet HTML 20Page - Microchip Technology 48LM01 Datasheet HTML 21Page - Microchip Technology 48LM01 Datasheet HTML 22Page - Microchip Technology 48LM01 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
 2018-2019 Microchip Technology Inc.
DS20006008C-page 19
48L512/48LM01
8.1.2
CONTINUOUS WRITE
Writing to a number of SRAM bytes is similar to a byte
write, however, more bytes can be added after the first
byte in the same write cycle. If more bytes of data are
transmitted than what will fit to the end of that memory
array, the address counter will “roll over” to the
beginning of the SRAM array. Previously written data
will be overwritten.
Upon completion of the write, the 48L512/48LM01
automatically returns to the Write Disable state
(STATUS register bit WEL = 0).
FIGURE 8-2:
CONTINUOUS SRAM WRITE WAVEFORM
Note:
If the CS pin is deselected at somewhere
other than the end of an 8-bit byte
boundary, the last partial byte operation
will be aborted and the completed bytes
will be written to the SRAM array.
CS
SCK
1
02 3 4
5 6 7
SI
DD D D D D D D
Data In Byte n
MSb
High-Impedance
SO
0
000
0
0
1
0
DD D D D D D
WRITE Opcode
Data In Byte 1
D
MSb
MSb
Address (2 or 3 bytes)
AAAA A
MSb
AA A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com