Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

XRK69774 Datasheet(PDF) 10 Page - Exar Corporation

Part # XRK69774
Description  1:14 LVCMOS PLL CLOCK GENERATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRK69774 Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRK69774 Datasheet HTML 3Page - Exar Corporation XRK69774 Datasheet HTML 4Page - Exar Corporation XRK69774 Datasheet HTML 5Page - Exar Corporation XRK69774 Datasheet HTML 6Page - Exar Corporation XRK69774 Datasheet HTML 7Page - Exar Corporation XRK69774 Datasheet HTML 8Page - Exar Corporation XRK69774 Datasheet HTML 9Page - Exar Corporation XRK69774 Datasheet HTML 10Page - Exar Corporation XRK69774 Datasheet HTML 11Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
XRK69774
PRELIMINARY
10
1:14 LVCMOS PLL CLOCK GENERATOR
REV. P1.0.1
PACKAGE DIMENSIONS
α
SYMBOL
MIN
MAX
MIN
MAX
A
0.055
0.063
1.40
1.60
A1
0.002
0.006
0.05
0.15
A2
0.053
0.057
1.35
1.45
B
0.010
0.014
0.25
0.35
C
0.004
0.009
0.11
0.23
D
0.465
0.480
11.80
12.20
D1
0.390
0.398
9.90
10.10
e
0.0256 BSC
0.65 BSC
L
0.029
0.041
0.73
1.03
α
INCHES
MILLIMETERS
Note: The control dimension is in millimeters.
E
Rev. 1.00
52 LEAD LOW-PROFILE QUAD FLAT PACK
(10 mm x 10 mm X 1.4 mm LQFP, 1.0 mm Form)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com