Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

XRK69774 Datasheet(PDF) 7 Page - Exar Corporation

Part # XRK69774
Description  1:14 LVCMOS PLL CLOCK GENERATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRK69774 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRK69774 Datasheet HTML 3Page - Exar Corporation XRK69774 Datasheet HTML 4Page - Exar Corporation XRK69774 Datasheet HTML 5Page - Exar Corporation XRK69774 Datasheet HTML 6Page - Exar Corporation XRK69774 Datasheet HTML 7Page - Exar Corporation XRK69774 Datasheet HTML 8Page - Exar Corporation XRK69774 Datasheet HTML 9Page - Exar Corporation XRK69774 Datasheet HTML 10Page - Exar Corporation XRK69774 Datasheet HTML 11Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
PRELIMINARY
XRK69774
7
REV. P1.0.1
1:14 LVCMOS PLL CLOCK GENERATOR
2.0
CONFIGURATION TABLES
TABLE 6: FUNCTION CONTROLS
CONTROL PIN
DEFAULT
LOGIC 0
LOGIC 1
MR/OE
1
Resets the output divide circuitry and serial
interface, tri-states all outputs
Enables all outputs - normal operation
PLL_EN
1
PLL bypass mode enabled. This is a test
mode in which the reference clock is provided
to the output dividers in place of the VCO
output.
PLL enabled - normal operation
STOP_CLK
1
QA[4:0], QB[4:0] and QC[3:0] outputs disabled
in Low state.
Outputs enabled, normal operation
CLK_SEL
0
CLK0 selected as PLL reference
CLK1 selected
VCO_SEL
0
VCO ÷ 2
VCO ÷ 4
TABLE 7: BANK OUTPUT DIVIDER CONTROLS
INPUT
OUTPUT
INPUT
OUTPUT
INPUT
OUTPUT
VC0_SEL
FSEL_A
QA[4:0]
VCO_SEL
FSEL_B
QB[4:0]
VC0_SEL
FSEL_C
QC[3:0]
0
0
÷4
0
0
÷4
0
0
÷8
0
1
÷8
0
1
÷8
0
1
÷12
1
0
÷8
1
0
÷8
1
0
÷16
1
1
÷16
1
1
÷16
1
1
÷24
TABLE 8: FEEDBACK DIVIDER CONTROL
VCO_SEL
FSEL_FB1
FSEL_FB0
QFB
0
0
0
÷8
0
0
1
÷16
0
1
0
÷12
0
1
1
÷24
1
0
0
÷16
1
0
1
÷32
1
1
0
÷24
1
1
1
÷48



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com