Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STLC2500ATR Datasheet(PDF) 15 Page - STMicroelectronics

Part # STLC2500ATR
Description  Bluetooth Single Chip
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2500ATR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STLC2500ATR Datasheet HTML 11Page - STMicroelectronics STLC2500ATR Datasheet HTML 12Page - STMicroelectronics STLC2500ATR Datasheet HTML 13Page - STMicroelectronics STLC2500ATR Datasheet HTML 14Page - STMicroelectronics STLC2500ATR Datasheet HTML 15Page - STMicroelectronics STLC2500ATR Datasheet HTML 16Page - STMicroelectronics STLC2500ATR Datasheet HTML 17Page - STMicroelectronics STLC2500ATR Datasheet HTML 18Page - STMicroelectronics STLC2500ATR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
STLC2500A
Pinout
15/37
Configuration pins
The configuration pins are used to select different modes of operation for the chip:
Where '1' means VDD_IO_A and '0' means VSS_DIG.
The other two configuration pins, CONFIG_RF and CONFIG_R have to be strapped to
VSS_DIG.
Table 13.
STLC2500A pin list (test)
Name
Pin #
Description
DIR
Reset
Default
VDDIO
Analogue test pin
VDD_T
C06
Test supply
ABUS_IN_QN
A08
Test pin
I/O
Input(1)
1.
To be strapped to VSS_ANA
Input (1)
ABUS_QP_IP
A09
Test pin
I/O
Input (1)
Input (1)
ABUS_IP_QP
B07
Test pin
I/O
Input (1)
Input (1)
ABUS_QN_IN
B08
Test pin
I/O
Input (1)
Input (1)
ANA_1
A10
Analogue test pin
(Leave unconnected)
ANA_2
B04
Analogue test pin
(Leave unconnected)
ANA_3
C10
Analogue test pin
(Leave unconnected)
ANA_4
D09
Analogue test pin
(Leave unconnected)
AF_PRG
K10
Test pin (Leave unconnected)
I/O
Open
Open
Table 14.
STLC2500A configuration pins
Configuration
Description
Digital or analogue incoming system clock
CONFIG_CLK =’1’
The incoming system clock is a digital square signal.
(See
Section 2.4)
CONFIG_CLK =’0’
The incoming system clock is a sine wave signal.
(See
Section 2.4)
Initiated deep sleep modes
CONFIG_JS =’0’ AND
CONFIG_M = ‘0’
Reserved
CONFIG_JS =’0’ AND
CONFIG_M = ‘1’
Initiated Deep Sleep, mode 1. (See
Section 6.8)
CONFIG_JS =’1’ AND
CONFIG_M = ‘0’
Initiated Deep Sleep, mode 2. (See
Section 6.8)
CONFIG_JS =’1’ AND
CONFIG_M = ‘1’
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com