Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STLC2500ATR Datasheet(PDF) 26 Page - STMicroelectronics

Part # STLC2500ATR
Description  Bluetooth Single Chip
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2500ATR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STLC2500ATR Datasheet HTML 22Page - STMicroelectronics STLC2500ATR Datasheet HTML 23Page - STMicroelectronics STLC2500ATR Datasheet HTML 24Page - STMicroelectronics STLC2500ATR Datasheet HTML 25Page - STMicroelectronics STLC2500ATR Datasheet HTML 26Page - STMicroelectronics STLC2500ATR Datasheet HTML 27Page - STMicroelectronics STLC2500ATR Datasheet HTML 28Page - STMicroelectronics STLC2500ATR Datasheet HTML 29Page - STMicroelectronics STLC2500ATR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
General specification
STLC2500A
26/37
i.e. GPIO3 is low) it sets HOST_WAKEUP to '0', telling the Host that the system
clock is not needed any more.
Note:
Note that in this case, the UART will be closed (as described above).
–
An autonomous wakeup (i.e. initiated by the Bluetooth Controller) goes as follows:
the Bluetooth Controller sets the HOST_WAKEUP signal to '1' to request the
system clock. Initially, GPIO3 is unaffected. GPIO3 will only be asserted when and
if there are data or HCI events to be sent. In that case the UART will be opened
(and UART_RTS will be asserted).
–
Wakeup initiated by the Host:
the Hosts sets BT_WAKEUP to '1'. The Bluetooth Controller then asserts the
HOST_WAKEUP signal to request the system clock. The Bluetooth Controller will
also open the UART (and assert UART_RTS). Initially, GPIO3 is unaffected.
GPIO3 will only be asserted when and if there are data or HCI events to be sent.
Figure 6.
Low power modes [Initiated deep sleep, mode 2]
6.9
Patch RAM
The STLC2500A includes a HW block that allows patching of the ROM code.
Additionally, a SW patch mechanism allows replacing complete SW functions without
changing the ROM image.
A part of the RAM memory is used for HW and SW patches.
6.10
Download of SW parameters
To change the device configuration a set of customizable parameters have been defined
and put together in one file. This file is downloaded at start-up into the STLC2500A.
Active
Sleep Mode
Deep Sleep
Mode
Complete Power Down
Host: BT_WAKEUP=‘1’
OR
Hard Reset
UART off
BB
UART on
Host: sends a specific HCI command.
UART off
Host: BT_WAKEUP=‘0’
AND
BT Controller: HOST_WAKEUP=‘0’
and GPIO3=‘0’
Host: BT_WAKEUP=‘1’
OR
BT Controller: HOST_WAKEUP=‘1’
and
GPIO3=‘1’
or
GPIO3=‘0’
GPIO3=‘1’
GPIO3=‘0’
Active
Sleep Mode
Deep Sleep
Mode
Complete Power Down
Host: BT_WAKEUP=‘1’
OR
Hard Reset
UART off
BB
UART on
Host: sends a specific HCI command.
UART off
Host: BT_WAKEUP=‘0’
AND
BT Controller: HOST_WAKEUP=‘0’
and GPIO3=‘0’
Host: BT_WAKEUP=‘1’
OR
BT Controller: HOST_WAKEUP=‘1’
and
GPIO3=‘1’
or
GPIO3=‘0’
GPIO3=‘1’
GPIO3=‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com