Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

101SHT100JC1LE Datasheet(PDF) 11 Page - Exxelia Group

Part # 101SHT100JC1LE
Description  Super HiQ
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

101SHT100JC1LE Datasheet(HTML) 11 Page - Exxelia Group

Back Button 101SHT100JC1LE Datasheet HTML 7Page - Exxelia Group 101SHT100JC1LE Datasheet HTML 8Page - Exxelia Group 101SHT100JC1LE Datasheet HTML 9Page - Exxelia Group 101SHT100JC1LE Datasheet HTML 10Page - Exxelia Group 101SHT100JC1LE Datasheet HTML 11Page - Exxelia Group 101SHT100JC1LE Datasheet HTML 12Page - Exxelia Group 101SHT100JC1LE Datasheet HTML 13Page - Exxelia Group 101SHT100JC1LE Datasheet HTML 14Page - Exxelia Group 101SHT100JC1LE Datasheet HTML 15Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
CERAMIC CAPACITORS
127
info@exxelia.com
www.exxelia.com
General characteristics
Page revised 06/20
When the frequency is enough low and ESR negligible:
Z ≈ (1/Cq
) (4)
Then IVm ≈ 2∏ x WVDC x √2 x f x C (5)
I.2.2. Power Dissipation Limit
The maximum RMS current for the power dissipation limited operating condition is di-
rectly proportional to the maximum power dissipation of the device and the Equivalent
Series Resistance:
IP(RMS) =
√Pdmax.
ESR
(6)
Pdmax. is the maximum power dissipation of the device as defined in reference to a
given mounting surface with known characteristics. The thermal resistance (VC) of a
ceramic capacitor operating in a given application is a key factor to establish the device
power rating:
Pdmax. =
Tmax.–Tamb.
VC
(7)
I.2.3. Maximum current
The maximum current is :
I max = minimum (
d Ip(RMS), Ivm)
Considering the general trend of the current with the frequency:
(5) shows that Ivm increases with the frequency
(6) shows that Ip(RMS) decreases with the frequency (ESR increases with
frequencies in a general trend with skin effect)
Therefore typically the maximum current is limited
• By Ivm at low frequencies
• By Ip(RMS) at higher frequencies
I.3. HEAT TRANSFER
I.3.1. Thermal Convection
Convection is a heat transfer produced by the motion of a mass of fluid such as air or
water when the heated fluid is caused to move away from the source of heat, carrying
energy with it. Convection above a hot surface occurs because at constant pressure,
hot air expands, becomes less dense, and rises.
I.3.2. Thermal Radiation
Radiation is a heat transfer produced by the emission of electromagnetic waves which
carry energy away from the emitting object. For ordinary temperatures, the radiation
is in the infrared region of the electromagnetic spectrum. The relationship governing
radiation from hot objects is called the Stefan-Boltzmann law:
P =
e x j x A x (T4 –Tc4) (8)
Where:
P is the net radiated power
e is the emissivity coefficient (1 for ideal radiator)
j is the Stefan’s constant (5.6703.10-8 W/m2.K4)
A is the radiating area
T is the temperature of radiator
TC is the ambient temperature
I.3.3. Thermal Conduction
Conduction is a heat transfer by means of molecular agitation within a material without
any motion of the material as a whole. If one end of a metal rod is at a higher tempera-
ture, then energy will be transferred down the rod toward the colder end because the
higher speed particles will collide with the slower ones with a net transfer of energy to
the slower ones.
For a heat transfer between two flat surfaces, such as heat loss through the wall of a
house, the rate of conduction heat transfer is:
Q
= k
x A x (Thot –Tcold)
t
d
(9)
Where:
Q is the heat transferred with the time t
k is the thermal conductivity of the barrier
A is the conducting area
T is the temperature
d is the thickness of the barrier
Conceptually, the thermal conductivity can be thought as the rate of heat loss per unit
area to the rate of change of temperature.
(10)
The net heat transfer is in the opposite direction of the temperature gradient
For a stationary state and without internal heat source: [1]
_
2
T= 0 therefore for one dimensional equation T = Ax +B (A and B are constants)
Considering the following capacitor where
Tmax. is the maximum temperature of capacitor (°C) located at the center of the
capacitor
Tamb. is the application ambient temperature in operating conditions (°C) located at
both terminations if the thermal transfer of the connections is enough efficient.
Temperature profile inside the capacitor
The thermal resistance Vc of the capacitor is composed on two parallel thermal resis-
tance V:
General Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com