| Electronic Components Datasheet Search |
|
101SHT100JC1LE Datasheet(PDF) 21 Page - Exxelia Group |
|
|
|||||||||||||||||||||||||||||
101SHT100JC1LE Datasheet(HTML) 21 Page - Exxelia Group |
|
21 / 34 page ![]() CERAMIC CAPACITORS 137 info@exxelia.com www.exxelia.com General characteristics Page revised 06/20 The capacitor with silver-palladium terminations exhibits a magnetic susceptibility around three times higher than that of the capacitor with copper terminations. This means that for a very strong requirement for non-magnetic criteria, the copper ter- minations are better than the silver-palladium ones; Both these terminations are suitable for non-magnetic applications as their magne- tization is always below 0.10 uem.CGS/g. IV.3. Trimmer Capacitors On the basis of the 0.10 uem.CGS/g limit previously discussed, the behavior of ceramic trimmer capacitors could also be studied. From the above chart, the following points may be deduced: These three ceramic trimmer capacitors are all suitable for non-magnetic applica- tions, as their magnetization is always below 0.10 uem.CGS/g; The AT9402 and AT9410 exhibit very good paramagnetic behavior and are therefore recommended for applications with a very strong non-magnetic requirement. IV.4. PERMEABILITY IV.4.1. Definitions Some engineers prefer to define the magnetic behavior of a component using its per- meability. Therefore, an empirical limit above which components are not suitable for non-magnetic applications seems to have been set at 1.0005 for the relative perme- ability µR. This relative permeability could be deduced from our measurements using the following method: Mass susceptibility Xg is given by the slope of the Mg = f (H) curve Volume susceptibility Xv is equal to: Xg x [density] Relative permeability is finally equal to: 1 + Xv IV.4.2. Examples Let’s consider the 501 CHB 4R7 BC we measured previously. From the experimental curve, we find a mass susceptibility Xg of 10–7 uem.CGS. As our components exhibit a density around 4, the volume susceptibility Xv is then equal to 4 x 10–7 uem.CGS. Finally, permeability µR is then equal to 1.0000004, which is well below the theoretical limit of 1.0005 Even if there is no mass susceptibility Xg for a magnetic component – except at very low fields but customer’s applications are far above this range – we can run the exercise for the 501 CHB 4R7 BS studied previously. From the first two dots on the experimen- tal curve, we find a mass susceptibility Xg of 0.5 x 10–3 uem.CGS. As our components exhibit a density around 4, the volume susceptibility Xv is then equal to 2 x 10–3 uem. CGS. Finally, permeability µR is then equal to 1.002, which is, as expected, well above the theoretical limit of 1.0005 V. CONCLUSIONS C.N.R.S. and EXXELIA have conducted a comprehensive study of the non-magnetic be- havior of electronic components. This document describes the results of that study on multilayer porcelain capacitors and ceramic trimmer capacitors. It flags up the following points: The measurements made on magnetic and non-magnetic components enable us to define a first limit for magnetization of around 0.10 uem.CGS/g above which compo- nents can no longer be rated as non-magnetic; All our non-magnetic components – both porcelain capacitors and ceramic trimmer capacitors – are below this limit and are therefore Magnetism-free Rated. To enable R&D engineers to quickly distinguish in the EXXELIA portfolio which components are guaranteed for non-magnetic applications, the following specific logo will be added to specific series in our Application datasheets: The above logo certifies that a specific electronic component is Magnetism-free Rated; Concerning non-magnetic applications - mainly medical systems -, the best solu- tion to obtain a very low magnetization ceramic capacitor is to use one with copper terminations; The silver leads, made from pure silver, are completely non-magnetic; Concerning standard applications like telecom, industrial, military or space systems, as any system induces a magnetic field, the use of non-magnetic components would rule out magnetic losses and therefore improve the overall performances, particularly in switch-mode operations. General Information |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |