Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STG3856 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STG3856
Description  Low Voltage 1.0??Max Dual SP3T Switch With Break Before Make Feature
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3856 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STG3856 Datasheet HTML 2Page - STMicroelectronics STG3856 Datasheet HTML 3Page - STMicroelectronics STG3856 Datasheet HTML 4Page - STMicroelectronics STG3856 Datasheet HTML 5Page - STMicroelectronics STG3856 Datasheet HTML 6Page - STMicroelectronics STG3856 Datasheet HTML 7Page - STMicroelectronics STG3856 Datasheet HTML 8Page - STMicroelectronics STG3856 Datasheet HTML 9Page - STMicroelectronics STG3856 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
3 Electrical Characteristics
STG3856
6/13
3
Electrical Characteristics
3.1
DC Electrical Characteristics
Table 4.
Recommended Operating Conditions
Symbol
Parameter
Value
Unit
VCC
Supply Voltage (1)
1.
Truth Table guaranteed: 1.2V to 4.3V
1.4 to 4.3
V
VI
Input Voltage
0 to VCC
V
VIC
Control Input Voltage
0 to VCC
V
VO
Output Voltage
0 to VCC
V
TOP
Operating Temperature
-55 to 125
°C
dt/dv
Input rise and Fall Time Control Input
VCC =1.65V to 2.7V
0 to 20
ns/V
VCC =3.0 to 4.3V
0 to 10
Table 5.
DC Electrical Characteristics
Symbol
Parameter
Test Condition
Value
Unit
VCC (V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIH
High Level
Input Voltage
1.65-1.95
0.65VCC
0.65VCC
0.65VCC
V
2.3 - 2.5
1.4
1.4
1.4
2.7 - 3.0
1.4
1.4
1.4
3.3 - 4.3
1.5
1.5
1.5
VIL
Low Level
Input Voltage
1.65-1.95
0.40
0.40
0.40
V
2.3 - 2.5
0.50
0.50
0.50
2.7 - 3.0
0.50
0.50
0.50
3.3 - 4.3
0.50
0.50
0.50
RON
Switch ON
Resistance
4.3
VS=0V to
VCC
IS=100mA
0.6
1.0
1.2
Ω
3.0
1.3
1.5
1.8
2.7
1.5
1.8
2.2
2.3
2.0
2.2
2.6
1.8
2.5
3.0
3.6
1.65
3.3
4.0
4.8
∆RON
ON Resistance
Match between
channels
2.7
VS @ RON
Max
IS=100mA
0.01
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com