Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STG3856 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STG3856
Description  Low Voltage 1.0??Max Dual SP3T Switch With Break Before Make Feature
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3856 Datasheet(HTML) 5 Page - STMicroelectronics

  STG3856 Datasheet HTML 1Page - STMicroelectronics STG3856 Datasheet HTML 2Page - STMicroelectronics STG3856 Datasheet HTML 3Page - STMicroelectronics STG3856 Datasheet HTML 4Page - STMicroelectronics STG3856 Datasheet HTML 5Page - STMicroelectronics STG3856 Datasheet HTML 6Page - STMicroelectronics STG3856 Datasheet HTML 7Page - STMicroelectronics STG3856 Datasheet HTML 8Page - STMicroelectronics STG3856 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
STG3856
2 Maximum Ratings
5/13
2
Maximum Ratings
Stressing the device above the rating listed in the “Absolute Maximum Ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of this
specification is not implied. Exposure to Absolute Maximum Rating conditions for extended
periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and
other relevant quality documents.
Table 3.
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to 5.5
V
VI
DC Input voltage
-0.5 to VCC + 0.5
V
VIC
DC Control Input Voltage
-0.5 to 5.5
V
VO
DC Output Voltage
-0.5 to VCC + 0.5
V
IIKC
DC Input Diode Current on Control
Pin (VIN < 0V)
-50
mA
IIK
DC Input Diode Current (VIN < 0V)
±50
mA
IOK
DC Output Diode Current
±20
mA
IO
DC Output Current
±150
mA
IOP
DC Output Current Peak (pulse at 1ms, 10% duty cycle)
±300
mA
ICC or IGND
DC VCC or Ground Current
±100
mA
PD
Power Dissipation at TA = 70ºC
(1)
1.
Derate above 70ºC by 18.5mW/C
mW
TSTG
Storage Temperature
-65 to 150
°C
TL
Lead Temperature (10 sec)
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com