Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TP5700AM Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP5700AM
Description  Telephone Speech Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP5700AM Datasheet(HTML) 3 Page - National Semiconductor (TI)

  TP5700AM Datasheet HTML 1Page - National Semiconductor (TI) TP5700AM Datasheet HTML 2Page - National Semiconductor (TI) TP5700AM Datasheet HTML 3Page - National Semiconductor (TI) TP5700AM Datasheet HTML 4Page - National Semiconductor (TI) TP5700AM Datasheet HTML 5Page - National Semiconductor (TI) TP5700AM Datasheet HTML 6Page - National Semiconductor (TI) TP5700AM Datasheet HTML 7Page - National Semiconductor (TI) TP5700AM Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DC Electrical Characteristics (Continued)
Unless otherwise specified all tests based on the test circuits shown in
Figure 1 all limits printed in bold characters are
guaranteed at TA e 0 Cto a60 C by correlation with 100% testing at TA e 25 C All other limits are assured by by correlation
with other production tests andor product design and characterization
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RECEIVE AMPLIFIER
RRIN
Input Resistance
From Pin 12 to Vb
20
35
55
kX
GRA
Gain at 1 kHz
RAGC e 0X MUTE IN s VMOFF
ILOOP e 20 mA TA e 25 C only
b
55
b
4
b
25
dB
GRT
Gain Variation v TA
g
05
dB
GRI
Gain Variation v ILOOP
ILOOP e 20 to 100 mA
b
6dB
GRM
Gain Change when MUTED
MUTE IN t VMON
b
15
b
20
b
23
dB
NR
Receive Noise
VRCVIN e 0V
0
10
dBrnC
SDR
SignalTotal Harmonic
VR e 200 mVrms
2
10
%
Distortion
ILOOP t 20 mA
VRC
Output Clipping Level
ILOOP t 20 mA
1
Vp-p
VROS
Output Offset Voltage
g
100
mV
SIDETONE CHARACTERISTICS
STC
Sidetone Cancellation at 1kHz
20 mA s ILOOP s 100 mA (Note 2)
11
15
dB
VOLTAGE REGULATOR OUTPUTS
VREG1
Output Voltage Pin 10
ILOOP t 20 mA
MUTE IN s VMOFF
2
V
MUTE IN t VMON
3
32
V
IREG1
Maximum Output Current
MUTE IN s VMOFF
200
m
A
Pin 10
MUTE IN t VMON
27
mA
VREG2
Output Voltage Pin 11
ILOOP t 20 mA
11
12
V
IREG2
Maximum Output Current Pin 11
ILOOP t 20 mA
300
500
m
A
TLH5201 – 2
1a Test Circuit for Transmit and Sidetone
TLH5201 – 3
1b Test Circuit for Receive
FIGURE 1 Test Circuits for Electrical Characteristics
Note 1
Adjust VDC to set specified ILOOP current
Note 2
To measure Sidetone Cancellation set oscillator in
Fig 1a for VLe100 mVrms measure VS Then in Fig 1b set oscillator e 100 mVrms measure VR
STCe20log VR VS
Note 3
For operation above 25 C the device must be derated based on a 150 C maximum junction temperature and a thermal resistance of 70 CW junction to
ambiant
Functional Description
The TP5700A Telephone Speech Circuits are powered from
the telephone Tip and Ring terminals via a full-wave rectifier
bridge to protect against loop polarity reversals The devic-
es provide the following functions
LINE REGULATOR
A DC regulator sinks current from the loop in order to main-
tain a DC slope resistance similar to that of a standard phone
RDC provides an adjustment for the slope resistance
MICROPHONE AMPLIFIER
A single-ended input amplifier on the TP5700A enables a
low cost electret microphone to be used This provides su-
perior distortion linearity and noise performance compared
to a traditional carbon microphone The electret should be
capacitively coupled to the amplifier input The acoustic
sensitivity of the microphone is intended to be in the range
of b60 to b70 dBV mBar
Loss can be inserted if required by adding a resistive poten-
tiometer either at MIC IN1 or the connection between the
pre-amp output and driver stage input The driver stage pro-
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com